Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACTS630MS Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ACTS630MS
Description  Radiation Hardened EDAC (Error Detection and Correction)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ACTS630MS Datasheet(HTML) 1 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
ACTS630MS
Radiation Hardened EDAC
(Error Detection and Correction)
Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are Contained in
SMD# 5962-96721 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day
(Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current
≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 37ns (Max), 24ns (Typ)
Description
The Intersil ACTS630MS is a Radiation Hardened 16-bit parallel error
detection and correction circuit. It uses a modified Hamming code to
generate a 6-bit check word from each 16-bit data word. The check word
is stored with the data word during a memory write cycle; during a
memory read cycle a 22-bit word is taken form memory and checked for
errors. Single bit errors in the data words are flagged and corrected. Sin-
gle bit errors in check words are flagged but not corrected. The position
of the incorrect bit is pinpointed, in both cases, by the 6-bit error
syndrome code which is output during the error correction cycle.
The ACTS630MS utilizes advanced CMOS/SOS technology to achieve
high-speed operation. This device is a member of a radiation hardened,
high-speed, CMOS/SOS Logic Family.
The ACTS630MS is supplied in a 28 lead Ceramic Flatpack (K suffix) or
a 28 Lead Ceramic Dual-In-Line Package (D suffix).
January 1996
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9672101VXC
-55oC to +125oC
MIL-PRF-38535 Class V
28 Lead SBDIP
5962F9672101VYC
-55oC to +125oC
MIL-PRF-38535 Class V
28 Lead Ceramic Flatpack
ACTS630D/Sample
25oC
Sample
28 Lead SBDIP
ACTS630K/Sample
25oC
Sample
28 Lead Ceramic Flatpack
ACTS630HMSR
25oC
Die
Die
Pinouts
28 PIN CERAMIC DUAL-IN-LINE, MIL-STD-1835
DESIGNATOR CDIP-T28, LEAD FINISH C
TOP VIEW
28 PIN CERAMIC FLATPACK, MIL-STD-1835
DESIGNATOR CDFP3-F28, LEAD FINISH C
TOP VIEW
DEF
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
GND
VCC
S1
S0
CB0
CB1
CB3
CB5
DB15
DB14
DB13
DB12
SEF
CB2
CB4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
14
28
15
DEF
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
GND
VCC
SEF
S1
S0
CB0
CB1
CB2
CB3
CB4
CB5
DB15
DB14
DB13
DB12
2
3
4
5
6
7
8
9
10
11
12
13
27
26
25
24
23
22
21
20
19
18
17
16
Spec Number
518786
File Number
3204.1


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn