Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7206L30L Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7206L30L
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7206L30L Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7206L30L Datasheet HTML 3Page - Integrated Device Technology IDT7206L30L Datasheet HTML 4Page - Integrated Device Technology IDT7206L30L Datasheet HTML 5Page - Integrated Device Technology IDT7206L30L Datasheet HTML 6Page - Integrated Device Technology IDT7206L30L Datasheet HTML 7Page - Integrated Device Technology IDT7206L30L Datasheet HTML 8Page - Integrated Device Technology IDT7206L30L Datasheet HTML 9Page - Integrated Device Technology IDT7206L30L Datasheet HTML 10Page - Integrated Device Technology IDT7206L30L Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
5.04
7
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Outputs:
FULL FLAG (
FF
FF) — The Full Flag (FF) will go LOW, inhibiting
further write operations, when the device is full. If the read
pointer is not moved after Reset (
RS), the Full Flag (FF) will go
LOW after 2048/4096/8192/16384 writes.
EMPTY FLAG (
EF
EF) — The Empty Flag (EF) will go LOW,
inhibiting further read operations, when the read pointer is equal
to the write pointer, indicating that the device is empty.
EXPANSION OUT/HALF-FULL FLAG (
XO
XO/HF
HF) — This is a
dual-purpose output. In the single device mode, when Expan-
sion In (
XI)isgrounded,thisoutputactsasanindicationofahalf-
full memory.
After half of the memory is filled, and at the falling edge of the
next write operation, the Half-Full Flag (
HF) will be set to LOW
Figure 2. Reset
Figure 3. Asynchronous Write and Read Operation
NOTE:
1.
W and R = VIH around the rising edge of RS.
W
RS
R
EF
HF, FF
t RSC
t RS
t RSS
t RSS
t RSR
t EFL
t HFH, t FFH
2661 drw 04
R
W
D
t RC
t A
t WR
t DS
DATA
0
–D8
Q0–Q8
t DH
t WPW
t WC
VALID
t RLZ
t RHZ
t DV
t A
t RR
t RPW
IN
VALID
DATAOUT
VALID
DATAOUT
DATA IN VALID
2661 drw 05
and will remain set until the difference between the write pointer
and read pointer is less than or equal to one half of the total
memory of the device. The Half-Full Flag (
HF) is then reset by
the rising edge of the read operation.
In the Depth Expansion Mode, Expansion In (
XI) is con-
nected to Expansion Out (
XO) of the previous device. This
output acts as a signal to the next device in the Daisy Chain by
providing a pulse to the next device when the previous device
reaches the last location of memory. There will be an
XO pulse
when the Write pointer reaches the last location of memory, and
an additional
XO pulse when the Read pointer reaches the last
location of memory.
DATA OUTPUTS (Q0-Q8) — Q0-Q8 are data outputs for 9-
bit wide data. These outputs are in a high-impedance condition
whenever Read (
R) is in a HIGH state.


Similar Part No. - IDT7206L30L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7206L30LG IDT-IDT7206L30LG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7206L30L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com