Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7472 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7472
Description  1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7472 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7472_15 Datasheet HTML 2Page - Analog Devices AD7472_15 Datasheet HTML 3Page - Analog Devices AD7472_15 Datasheet HTML 4Page - Analog Devices AD7472_15 Datasheet HTML 5Page - Analog Devices AD7472_15 Datasheet HTML 6Page - Analog Devices AD7472_15 Datasheet HTML 7Page - Analog Devices AD7472_15 Datasheet HTML 8Page - Analog Devices AD7472_15 Datasheet HTML 9Page - Analog Devices AD7472_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
REV. B
–5–
AD7470/AD7472
Limit at TMIN, TMAX
Parameter
AD7470
AD7472
Unit
Description
fCLK
2
10
10
kHz min
30
26
MHz max
tCONVERT
436.42
531.66
ns min
tCLK = 1/fCLK IN
tWAKEUP
11
µs max
Wake-Up Time
t1
10
10
ns min
CONVST Pulse Width
t2
CONVST to BUSY Delay,
10
10
ns max
VDD = 5 V, A and B Versions
15
ns max
VDD = 5 V, Y Version
30
30
ns max
VDD = 3 V, A and B Versions
35
ns max
VDD = 3 V, Y Version
t3
00
ns max
BUSY to
CS Setup Time
t4
3
00
ns max
CS to RD Setup Time
t5
20
20
ns min
RD Pulse Width
t6
3
15
15
ns min
Data Access Time After Falling Edge of
RD
t7
4
88
ns max
Bus Relinquish Time After Rising Edge of
RD
t8
00
ns max
CS to RD Hold Time
t9
Acquisition Time
135
135
ns max
A and B Versions
140
ns max
Y Version
t10
100
100
ns min
Quiet Time
NOTES
1Sample tested at 25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
See Figure 1.
2Mark/Space ratio for the CLK inputs is 40/60 to 60/40. First CLK pulse should be 10 ns min from falling edge of
CONVST.
3Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.0 V.
4t
7 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 7, quoted in the timing characteristics, is the true bus relinquish
time of the part and is independent of the bus loading.
Specifications subject to change without notice.
TIMING SPECIFICATIONS1 (V
DD = 2.7 V to 5.25 V, REF IN = 2.5 V; TA = TMIN to TMAX, unless otherwise noted.)
200 A
IOL
200 A
IOH
CL
50pF
TO OUTPUT
PIN
1.6V
Figure 1. Load Circuit for Digital Output Timing Specifications


Similar Part No. - AD7472_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7472AR AD-AD7472AR Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472AR AD-AD7472AR Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7472AR AD-AD7472AR Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
AD7472AR-REEL AD-AD7472AR-REEL Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7472AR-REEL AD-AD7472AR-REEL Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results

Similar Description - AD7472_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com