Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA800T Datasheet(PDF) 1 Page - NEC

Part No. UPA800T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA800T Datasheet(HTML) 1 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PACKAGE DRAWINGS
(Unit: mm)
SILICON TRANSISTOR
The
µPA800T has built-in 2 low-voltage transistors which are designed
to amplify low noise in the VHF band to the UHF band.
FEATURES
Low Noise
NF = 1.9 dB TYP. @ f = 2 GHz, VCE = 1 V, IC = 3 mA
High Gain
|S21e|2 = 6.5 dB TYP. @ f = 2 GHz, VCE = 1 V, IC = 3 mA
A Mini Mold Package Adopted
Built-in 2 Transistors (2
× 2SC4228)
ORDERING INFORMATION
PART NUMBER
QUANTITY
PACKING STYLE
µPA800T
Loose products
Embossed tape 8 mm wide. Pin 6 (Q1
(50 PCS)
Base), Pin 5 (Q2 Base), Pin 4 (Q2 Emitter)
face to perforation side of the tape.
µPA800T-T1
Taping products
(3 KPCS/Reel)
Remark
If you require an evaluation sample, please contact an NEC
Sales Representative. (Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
PT
150 in 1 element
mW
200 in 2 elementsNote
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
Note
110 mW must not be exceeded in 1 element.
µPA800T
HIGH-FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
(WITH BUILT-IN 2 ELEMENTS) MINI MOLD
PIN CONFIGURATION (Top View)
©
1995
PRELIMINARY DATA SHEET
Printed in Japan
Document No. ID-3634
(O.D. No. ID-9141)
Date Published April 1995 P
The information in this document is subject to change without notice.
2.1±0.1
1.25±0.1
65
4
Q1
Q2
12
3
PIN CONNECTIONS
1. Collector (Q1)
2. Emitter (Q1)
3. Collector (Q2)
4. Emitter (Q2)
5. Base (Q2)
6. Base (Q1)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn