Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPA800T Datasheet(PDF) 4 Page - NEC

Part No. UPA800T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA800T Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA800T
4
S-PARAMETERS
VCE = 3 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.875
–18.6
14.087
161.1
.018
78.2
.958
–10.1
200.00
.762
–35.0
12.290
145.1
.034
68.6
.888
–17.7
300.00
.677
–47.2
10.888
133.6
.048
66.6
.800
–24.4
400.00
.565
–59.4
9.275
123.6
.055
65.8
.719
–26.7
500.00
.495
–67.5
8.300
115.7
.063
63.5
.669
–28.7
600.00
.425
–76.1
7.184
108.9
.074
61.1
.610
–30.3
700.00
.372
–81.6
6.454
104.8
.084
63.8
.600
–30.6
800.00
.327
–88.5
5.818
99.5
.089
62.7
.560
–31.3
900.00
.289
–93.6
5.231
95.5
.092
64.6
.543
–30.1
1000.00
.255
–100.5
4.820
92.0
.104
62.8
.519
–33.4
1100.00
.236
–105.2
4.444
88.8
.105
64.2
.512
–31.8
1200.00
.214
–112.2
4.142
85.3
.113
64.2
.497
–33.4
1300.00
.195
–117.6
3.842
83.2
.122
63.6
.476
–33.2
1400.00
.182
–123.8
3.554
79.3
.127
65.0
.481
–34.2
1500.00
.165
–129.9
3.343
77.4
.139
64.1
.467
–34.6
1600.00
.153
–137.4
3.218
75.3
.140
64.5
.466
–34.8
1700.00
.145
–144.3
3.091
73.6
.152
65.4
.458
–37.2
1800.00
.139
–151.8
2.857
70.4
.162
64.3
.456
–36.1
1900.00
.134
–157.0
2.764
68.7
.168
62.3
.451
–38.4
2000.00
.129
–164.7
2.624
66.4
.176
64.8
.445
–39.0
VCE = 3 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.943
–13.4
9.384
165.9
.020
84.1
.969
–7.7
200.00
.868
–26.6
8.668
152.8
.038
77.2
.936
–13.8
300.00
.815
–37.7
8.165
142.9
.051
67.9
.876
–20.9
400.00
.717
–48.9
7.279
132.9
.062
63.9
.804
–23.5
500.00
.655
–56.8
6.780
125.5
.075
63.9
.764
–26.7
600.00
.577
–65.5
6.061
118.0
.084
60.0
.708
–29.7
700.00
.518
–71.2
5.504
112.8
.091
59.7
.685
–31.1
800.00
.468
–78.1
5.074
106.7
.098
57.0
.639
–32.0
900.00
.420
–83.7
4.632
102.8
.102
59.0
.611
–32.8
1000.00
.380
–90.6
4.340
98.3
.105
56.6
.592
–35.0
1100.00
.344
–94.8
3.951
94.8
.112
57.8
.579
–34.1
1200.00
.321
–101.6
3.717
90.5
.121
59.0
.551
–35.0
1300.00
.291
–105.9
3.485
87.6
.128
58.7
.532
–35.9
1400.00
.273
–111.7
3.306
84.3
.135
59.8
.535
–36.6
1500.00
.250
–117.2
3.134
80.7
.140
58.0
.511
–37.5
1600.00
.228
–122.4
2.959
79.0
.145
59.5
.516
–37.7
1700.00
.219
–128.5
2.819
76.0
.153
59.0
.504
–39.0
1800.00
.199
–135.3
2.699
73.9
.161
58.4
.493
–39.9
1900.00
.193
–139.6
2.572
71.9
.163
60.3
.489
–41.4
2000.00
.182
–146.9
2.474
68.3
.175
59.8
.482
–41.4
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.023
–7.6
3.505
172.1
.025
86.4
.995
–4.6
200.00
.983
–16.1
3.400
163.3
.039
79.3
.986
–7.8
300.00
.975
–22.4
3.368
157.3
.061
74.6
.976
–12.8
400.00
.922
–31.8
3.219
149.1
.075
70.7
.936
–15.1
500.00
.899
–36.9
3.186
143.3
.093
66.4
.922
–18.8
600.00
.849
–44.7
3.046
135.7
.105
62.2
.885
–22.5
700.00
.812
–50.6
2.905
131.1
.113
61.7
.880
–24.4
800.00
.774
–57.1
2.830
124.4
.128
55.7
.846
–27.2
900.00
.727
–62.9
2.694
119.2
.134
55.6
.808
–28.8
1000.00
.680
–69.3
2.597
114.1
.146
53.7
.790
–31.8
1100.00
.651
–74.1
2.479
109.3
.146
50.3
.766
–32.8
1200.00
.616
–79.8
2.392
104.8
.155
49.8
.741
–34.9
1300.00
.575
–85.2
2.302
101.1
.155
46.2
.714
–35.9
1400.00
.546
–90.6
2.207
96.0
.160
46.7
.708
–36.8
1500.00
.512
–95.8
2.110
92.1
.168
43.6
.685
–38.4
1600.00
.481
–100.6
2.034
88.8
.165
45.5
.676
–40.1
1700.00
.463
–106.3
1.989
85.5
.176
45.3
.667
–41.8
1800.00
.440
–111.8
1.903
82.2
.173
43.8
.649
–42.3
1900.00
.419
–116.4
1.854
78.9
.174
43.5
.633
–44.2
2000.00
.394
–121.2
1.779
75.5
.173
43.7
.630
–45.2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn