Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7441 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7441
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441 Datasheet(HTML) 4 Page - Analog Devices

  AD7441_15 Datasheet HTML 1Page - Analog Devices AD7441_15 Datasheet HTML 2Page - Analog Devices AD7441_15 Datasheet HTML 3Page - Analog Devices AD7441_15 Datasheet HTML 4Page - Analog Devices AD7441_15 Datasheet HTML 5Page - Analog Devices AD7441_15 Datasheet HTML 6Page - Analog Devices AD7441_15 Datasheet HTML 7Page - Analog Devices AD7441_15 Datasheet HTML 8Page - Analog Devices AD7441_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD7441/AD7451
Rev. D | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 5.25 V; fSCLK = 18 MHz; fS = 1 MSPS; VREF = 2.5 V; TA = TMIN to TMAX, unless otherwise noted. Temperature ranges for A, B
versions: −40°C to +85°C.
Table 1. AD7451
Parameter
Test Conditions/Comments
A Version
B Version
Unit
DYNAMIC PERFORMANCE
fIN = 100 kHz
Signal-to-Noise Ratio (SNR)1
VDD = 2.7 V to 5.25 V
70
70
dB min
Signal-to-(Noise + Distortion) (SINAD)1
VDD = 2.7 V to 3.6 V
69
69
dB min
VDD = 4.75 V to 5.25 V
70
70
dB min
Total Harmonic Distortion (THD)1
VDD = 2.7 V to 3.6 V; −78 dB typ
−73
−73
dB max
VDD = 4.75 V to 5.25 V; −80 dB typ
−75
−75
dB max
Peak Harmonic or Spurious Noise1
VDD = 2.7 V to 3.6 V; −80 dB typ
−73
−73
dB max
VDD = 4.75 V to 5.25 V; −82 dB typ
−75
−75
dB max
Intermodulation Distortion (IMD)1
fa = 90 kHz; fb = 110 kHz
Second-Order Terms
−80
−80
dB typ
Third-Order Terms
−80
−80
dB typ
Aperture Delay1
5
5
ns typ
Aperture Jitter1
50
50
ps typ
Full-Power Bandwidth1, 2
@ −3 dB
20
20
MHz typ
@ −0.1 dB
2.5
2.5
MHz typ
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity (INL)1
±1.5
±1
LSB max
Differential Nonlinearity (DNL)1
Guaranteed no missed codes to 12 bits
±0.95
±0.95
LSB max
Offset Error1
±3.5
±3.5
LSB max
Gain Error1
±3
±3
LSB max
ANALOG INPUT
Full-Scale Input Span
VIN+ − VIN–
VREF
VREF
V
Absolute Input Voltage
VIN+
VREF
VREF
V
VIN–3
VDD = 2.7 V to 3.6 V
−0.1 to +0.4
−0.1 to +0.4
V
VDD = 4.75 V to 5.25 V
−0.1 to +1.5
−0.1 to +1.5
V
DC Leakage Current
±1
±1
μA max
Input Capacitance
When in track-and-hold
30/10
30/10
pF typ
REFERENCE INPUT
VREF Input Voltage4
±1% tolerance for specified performance
2.5
2.5
V
DC Leakage Current
±1
±1
μA max
VREF Input Capacitance
When in track-and-hold
10/30
10/30
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current, IIN
Typically 10 nA, VIN = 0 V or VDD
±1
±1
μA max
Input Capacitance, CIN5
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD = 4.75 V to 5.25 V; ISOURCE = 200 μA
2.8
2.8
V min
VDD = 2.7 V to 3.6 V; ISOURCE = 200 μA
2.4
2.4
V min
Output Low Voltage, VOL
ISINK = 200 μA
0.4
0.4
V max
Floating-State Leakage Current
±1
±1
μA max
Floating-State Output Capacitance5
10
10
pF max
Output Coding
Straight
(natural) binary
Straight
(natural) binary


Similar Part No. - AD7441_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Similar Description - AD7441_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com