Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7414ARTZ-1REEL Datasheet(PDF) 18 Page - Analog Devices

Part # AD7414ARTZ-1REEL
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-1REEL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7414ARTZ-1REEL Datasheet HTML 12Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 13Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 14Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 15Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 16Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 17Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 18Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 19Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD7414/AD7415
Rev. F | Page 18 of 20
ORDERING GUIDE
Model1
Temperature Range
Typ Temperature
Error @ 3 V
Package
Option
Package Description
Branding
Ordering
Quantity
AD7414ARTZ-0REEL7
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
#CHA
3,000
AD7414ARTZ-0REEL
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
#CHA
10,000
AD7414ARTZ-0500RL7
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
#CHA
500
AD7414ARMZ-0REEL7
−40°C to +125°C
±2°C
RM-8
8-Lead MSOP
TOL
3,000
AD7414ARMZ-0REEL
−40°C to +125°C
±2°C
RM-8
8-Lead MSOP
TOL
10,000
AD7414ARMZ-0
−40°C to +125°C
±2°C
RM-8
8-Lead MSOP
TOL
50
AD7414ARTZ-1REEL7
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOH
3,000
AD7414ARTZ-1REEL
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOH
10,000
AD7414ARTZ-1500RL7
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOH
500
AD7414ARTZ-2REEL7
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOJ
3,000
AD7414ARTZ-2REEL
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOJ
10,000
AD7414ARTZ-3REEL7
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOK
3,000
AD7414ARTZ-3REEL
−40°C to +125°C
±2°C
RJ-6
6-Lead SOT-23
TOK
10,000
AD7415ARTZ-0REEL7
−40°C to +125°C
±2°C
RJ-5
5-Lead SOT-23
#CGA
3,000
AD7415ARTZ-0REEL
−40°C to +125°C
±2°C
RJ-5
5-Lead SOT-23
#CGA
10,000
AD7415ARTZ-0500RL7
−40°C to +125°C
±2°C
RJ-5
5-Lead SOT-23
#CGA
500
AD7415ARTZ-1REEL7
−40°C to +125°C
±2°C
RJ-5
5-Lead SOT-23
#CGB
3,000
AD7415ARTZ-1REEL
−40°C to +125°C
±2°C
RJ-5
5-Lead SOT-23
#CGB
10,000
AD7415ARTZ-1500RL7
−40°C to +125°C
±2°C
RJ-5
5-Lead SOT-23
#CGB
500
EVAL-AD7414/15EBZ
Evaluation Board
1 Z = RoHS Compliant Part.


Similar Part No. - AD7414ARTZ-1REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Similar Description - AD7414ARTZ-1REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com