Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7414 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7414
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7414 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7414_15 Datasheet HTML 10Page - Analog Devices AD7414_15 Datasheet HTML 11Page - Analog Devices AD7414_15 Datasheet HTML 12Page - Analog Devices AD7414_15 Datasheet HTML 13Page - Analog Devices AD7414_15 Datasheet HTML 14Page - Analog Devices AD7414_15 Datasheet HTML 15Page - Analog Devices AD7414_15 Datasheet HTML 16Page - Analog Devices AD7414_15 Datasheet HTML 17Page - Analog Devices AD7414_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7414/AD7415
Rev. F | Page 14 of 20
POWER VS. THROUGHPUT
The two modes of operation for the AD7414/AD7415 produce
different power vs. throughput performances. Mode 2 is the
sleep mode of the part, and it achieves the optimum power
performance.
Mode 1
In this mode, continuous conversions are performed at a rate of
approximately one every 800 ms. Figure 14 shows the times and
currents involved with this mode of operation for a 5 V supply.
At 5 V, the current consumption for the part when converting is
1.1 mA typically, and the quiescent current is 188 μA typically.
The conversion time of 25 μs plus power-up time of typically
4 μs contributes 199.3 nW to the overall power dissipation in
the following way:
(29 μs/800 ms) × (5 × 1.1 mA) = 199.3 nW
The contribution to the total power dissipated by the remaining
time is 939.96 μW.
(799.97 ms/800 ms) × (5 × 1.1 μA) = 199.3 μW
Thus the total power dissipated during each cycle is
199.3 nW + 939.96 μW = 940.16 μW
IDD
TIME
1.1mA
188
μA
800ms
29
μs
Figure 14. Mode 1 Power Dissipation
Mode 2
In this mode, the part is totally powered down. All circuitry
except the serial interface is switched off. The most power
efficient way of operating in this mode is to use the one-shot
method. Write to the configuration register and set the one-shot
bit to a 1. The part powers up in approximately 4 μs and then
performs a conversion. Once the conversion is finished, the
device powers down again until the PD bit in the configuration
register is set to 0 or the one-shot bit is set to 1. Figure 15 shows
the same timing as Figure 14 in mode 1; a one-shot is initiated
every 800 ms. If we take the voltage supply to be 5 V, we can
work out the power dissipation in the following way. The
current consumption for the part when converting is 1.1 mA
typically, and the quiescent current is 800 nA typically. The
conversion time of 25 μs plus the power-up time of typically
4 μs contributes 199.3 nW to the overall power dissipation in
the following way:
(29 μs/800 ms) × (5 V × 1.1 mA) = 199.3 nW
The contribution to the total power dissipated by the remaining
time is 3.9 μW.
(799.971 ms/800 ms) × (5 V × 800 nA) = 3.9 μW
Thus the total power dissipated during each cycle is:
199.3 nW + 3.9 μW = 940.16 μW
IDD
TIME
1.1mA
800nA
800ms
29
μs
Figure 15. Mode 2 Power Dissipation
MOUNTING THE AD7414/AD7415
The AD7414/AD7415 can be used for surface or air tempera-
ture sensing applications. If the device is cemented to a surface
with thermally conductive adhesive, the die temperature is
within about 0.1°C of the surface temperature, due to the
device’s low power consumption. Care should be taken to
insulate the back and leads of the device from the air if the
ambient air temperature is different from the surface
temperature being measured.
The ground pin provides the best thermal path to the die, so the
temperature of the die is close to that of the printed circuit
ground track. Care should be taken to ensure that this is in
good thermal contact with the surface being measured.
As with any IC, the AD7414/AD7415 and their associated
wiring and circuits must be kept free from moisture to prevent
leakage and corrosion, particularly in cold conditions where
condensation is more likely to occur. Water-resistant varnishes
and conformal coatings can be used for protection. The small
size of the AD7414/AD7415 packages allows them to be
mounted inside sealed metal probes, which provide a safe
environment for the devices.
SUPPLY DECOUPLING
The AD7414/AD7415 should at least be decoupled with a 0.1μF
ceramic capacitor between VDD and GND. This is particularly
important if the AD7414/AD7415 are mounted remote from
the power supply.


Similar Part No. - AD7414_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Similar Description - AD7414_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com