Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSS125N03 Datasheet(PDF) 2 Page - Rohm

Part # RSS125N03
Description  Switching (30V, 12.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS125N03 Datasheet(HTML) 2 Page - Rohm

  RSS125N03 Datasheet HTML 1Page - Rohm RSS125N03 Datasheet HTML 2Page - Rohm RSS125N03 Datasheet HTML 3Page - Rohm RSS125N03 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSS125N03
Transistors
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
Gate-source leakage
V(BR) DSS
Drain-source breakdown voltage
IDSS
Zero gate voltage drain current
VGS (th)
Gate threshold voltage
Static drain-source on-state
resistance
RDS (on)
Forward transfer admittance
Input capacitance
Output capacitance
Ciss
Reverse transfer capacitance
Coss
Turn-on delay time
Crss
Rise time
td (on)
Turn-off delay time
tr
Fall time
td (off)
Total gate charge
tf
Gate-source charge
Qg
Gate-drain charge
Qgs
Qgd
−−
±10
µAVGS=±20V, VDS=0V
VDD
=15V
30
−−
VID
=1mA, VGS=0V
−−
1
µAVDS=30V, VGS=0V
1.0
2.5
V
VDS
=10V, ID=1mA
6.5
8.9
ID
=12.5A, VGS=10V
8.6
11.8
m
Ω ID=12.5A, VGS=4.5V
9.3
12.8
ID
=12.5A, VGS=4V
10
−−
SID
=12.5A, VDS=10V
1670
pF
VDS
=10V
470
270
pF
VGS
=0V
10
pF
f
=1MHz
VGS
=10V
RL
=2.40Ω
RGS
=10Ω
17
ns
69
ns
30
ns
20
ns
4.2
28
nC
8.0
nC
VGS
=5V
−−
nC
ID
=12.5A
ID
=6.25A, VDD 15V
∗Pulsed
Body diode characteristics (Source-Drain Characteristics) (Ta=25
°C)
Forward voltage
VSD
−−
1.2
V
IS
=6.4A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed


Similar Part No. - RSS125N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS125N03 ROHM-RSS125N03 Datasheet
59Kb / 4P
   Switching (30V, 12.5A)
More results

Similar Description - RSS125N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS125N03 ROHM-RSS125N03 Datasheet
59Kb / 4P
   Switching (30V, 12.5A)
logo
Will Semiconductor Ltd.
WNMD3039 WILLSEMI-WNMD3039 Datasheet
3Mb / 12P
   Dual N-Channel, 30V, 12.5A, Power MOSFET
logo
Fairchild Semiconductor
FDS8876 FAIRCHILD-FDS8876_07 Datasheet
605Kb / 12P
   N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
logo
General Semiconductor
2N3668 GE-2N3668 Datasheet
229Kb / 4P
   12.5A SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N3668 DIGITRON-2N3668 Datasheet
1Mb / 3P
   12.5A SILICON CONTROLLED RECTIFIER
logo
Rohm
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
   Switching (-30V,-4.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
   Switching (30V, 9.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
   Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
   Switching (30V, 5.0A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com