Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7376 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7376
Description  30 V/15 V Operation 128-Position Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7376_15 Datasheet HTML 4Page - Analog Devices AD7376_15 Datasheet HTML 5Page - Analog Devices AD7376_15 Datasheet HTML 6Page - Analog Devices AD7376_15 Datasheet HTML 7Page - Analog Devices AD7376_15 Datasheet HTML 8Page - Analog Devices AD7376_15 Datasheet HTML 9Page - Analog Devices AD7376_15 Datasheet HTML 10Page - Analog Devices AD7376_15 Datasheet HTML 11Page - Analog Devices AD7376_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7376
Rev. D | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A 1
B
2
VSS 3
GND
4
W
14
NC
13
VDD
12
SDO
11
CS
5
RS
6
CLK
7
SHDN
10
SDI
9
NC
8
NC = NO CONNECT
AD7376
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP Pin Configuration
A 1
B
2
VSS 3
GND
4
W
16
NC
15
VDD
14
SDO
13
CS
5
SHDN
12
RS
6
SDI
11
CLK
7
NC
10
NC
8
NC
9
NC = NO CONNECT
AD7376
TOP VIEW
(Not to Scale)
Figure 5. 16-Lead SOIC_W Pin Configuration
Table 6.Pin Function Descriptions
Pin No.
14-Lead
TSSOP
16-Lead
SOL
Mnemonic
Description
1
1
A
A Terminal. VSS ≤ VA ≤ VDD.
2
2
B
B Terminal. VSS ≤ VB ≤ VDD.
3
3
VSS
Negative Power Supply.
4
4
GND
Digital Ground.
5
5
CS
Chip Select Input, Active Low. When CS returns high, data is loaded into the wiper register.
6
6
RS
Reset to Midscale.
7
7
CLK
Serial Clock Input. Positive edge triggered.
8
8, 9, 10
NC
No Connect. Let it float or ground.
9
11
SDI
Serial Data Input (data loads MSB first).
10
12
SHDN
Shutdown. A terminal open ended; W and B terminals shorted. Can be used as
programmable preset.1
11
13
SDO
Serial Data Output.
12
14
VDD
Positive Power Supply.
13
15
NC
No Connect. Let it float or ground.
14
16
W
Wiper Terminal. VSS ≤ VW ≤ VDD.
1
Assert shutdown and program the device during power-up. Then, deassert the shutdown to achieve the desirable preset level.


Similar Part No. - AD7376_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7376AN10 AD-AD7376AN10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN100 AD-AD7376AN100 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN1M AD-AD7376AN1M Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AN50 AD-AD7376AN50 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376AR10 AD-AD7376AR10 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
More results

Similar Description - AD7376_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5280 AD-AD5280_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, I2C-Compatible Digital Potentiometer
REV. C
AD5282 AD-AD5282_15 Datasheet
964Kb / 28P
   Single/Dual, 15 V/5 V, 256-Position, IC-Compatible Digital Potentiometer
REV. C
AD5247BKSZ100-2RL7 AD-AD5247BKSZ100-2RL7 Datasheet
489Kb / 20P
   128-Position I2C-Compatible Digital Potentiometer
Rev. F
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5282BRUZ200 AD-AD5282BRUZ200 Datasheet
964Kb / 28P
   Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com