Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7352EDZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-AD7352EDZ
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7352EDZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-AD7352EDZ Datasheet HTML 6Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 7Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 8Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 9Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 10Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 11Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 12Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 13Page - Analog Devices EVAL-AD7352EDZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7352
Rev. A | Page 9 of 20
0
500
1000
1500
2000
2500
3000
CURRENT LOAD (µA)
2.0460
2.0462
2.0464
2.0466
2.0468
2.0470
2.0472
2.0474
2.0476
2.0478
2.0480
2.0482
Figure 9. VREF vs. Reference Output Current Drive
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
102030
40
SCLK FREQUENCY (kHz)
50
INL MAX
INL MIN
DNL MAX
DNL MIN
Figure 10. Linearity Error vs. SCLK Frequency
–1.0
–0.6
–0.2
0.2
0.6
1.0
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
EXTERNAL VREF (V)
INL MAX
DNL MAX
INL MIN
DNL MIN
Figure 11. Linearity Error vs. External VREF
5
6
7
8
9
10
11
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 12. Access Time vs. VDRIVE
4
5
6
7
8
9
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 13. Hold Time vs. VDRIVE


Similar Part No. - EVAL-AD7352EDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7352EDZ AD-EVAL-AD7352EDZ Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
EVAL-AD7352EDZ AD-EVAL-AD7352EDZ Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
More results

Similar Description - EVAL-AD7352EDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com