Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7366-5 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7366-5
Description  True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366-5 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7366-5_15 Datasheet HTML 6Page - Analog Devices AD7366-5_15 Datasheet HTML 7Page - Analog Devices AD7366-5_15 Datasheet HTML 8Page - Analog Devices AD7366-5_15 Datasheet HTML 9Page - Analog Devices AD7366-5_15 Datasheet HTML 10Page - Analog Devices AD7366-5_15 Datasheet HTML 11Page - Analog Devices AD7366-5_15 Datasheet HTML 12Page - Analog Devices AD7366-5_15 Datasheet HTML 13Page - Analog Devices AD7366-5_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD7366-5/AD7367-5
Rev. B | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DOUTA 1
2
3
ADDR
4
DGND
24
23
BUSY
22
CNVST
21
RANGE0 5
RANGE1
6
AGND 7
SCLK
20
CS
19
REFSEL
18
8
AGND
17
9
16
10
15
11
14
12
13
AD7366-5/
AD7367-5
TOP VIEW
(Not to Scale)
DOUTB
DCAPADCAPB
DVCC
AVCC
VSS
VA1
VA2
VB1
VB2
VDD
VDRIVE
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 23
DOUTA, DOUTB
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked out on
the falling edge of the SCLK input and 12 SCLK cycles are required to access the data from the AD7366-5 while
14 SCLK cycle are required for the AD7367-5. The data simultaneously appears on both pins from the simultaneous
conversions of both ADCs. The data stream consists of the 12 bits of conversion data for the AD7366-5 and 14 bits
for the AD7367-5 and is provided MSB first. If CS is held low for a further 12 SCLK cycles for the AD7366-5 or 14 SCLK
cycles for the AD7367-5, on either DOUTA or DOUTB, the data from the other ADC follows on that DOUT pin. This
allows data from a simultaneous conversion on both ADCs to be gathered in serial format on either DOUTA or
DOUTB using only one serial port. See the
section for more information.
Serial Interface
2
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
This pin should be decoupled to DGND. The voltage range on this pin is 2.7 V to 5.25 V and may be different than
the voltage at AVCC and DVCC, but should never exceed either by more than 0.3 V.
3
DVCC
Digital Supply Voltage, 4.75 V to 5.25 V. The DVCC and AVCC voltages should ideally be at the same potential.
For best performance, it is recommended that the DVCC and AVCC pins be shorted together, to ensure that the
voltage difference between them never exceeds 0.3 V, even on a transient basis. This supply should be decoupled
to DGND. Place 10 μF and 100 nF decoupling capacitors on the DVCC pin.
4, 5
RANGE1,
RANGE0
Analog Input Range Selection, Logic Inputs. The polarity on these pins determines the input range of the analog
input channels. See the Analog Inputs section and Table 8 for details.
6
ADDR
Multiplexer Select, Logic Input. This input is used to select the pair of channels to be simultaneously converted,
either Channel 1 of both ADC A and ADC B, or Channel 2 of both ADC A and ADC B. The logic state on this pin is
latched on the rising edge of BUSY to set up the multiplexer for the next conversion.
7, 17
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7366-5/AD7367-5. All analog input
signals and any external reference signal should be referred to this AGND voltage. Both AGND pins should
connect to the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
8
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for the ADC cores. The AVCC and DVCC voltages
should ideally be at the same potential. For best performance, it is recommended that the DVCC and AVCC pins be
shorted together to ensure that the voltage difference between them never exceeds 0.3 V even on a transient
basis. This supply should be decoupled to AGND. Place 10 μF and 100 nF decoupling capacitors on the AVCC pin.
9, 16
DCAPA, DCAPB
Decoupling Capacitor Pins. Decoupling capacitors are connected to these pins to decouple the reference buffer
for each respective ADC. For best performance, it is recommended to use a 680 nF decoupling capacitor on these
pins. Provided the output is buffered, the on-chip reference can be taken from these pins and applied externally
to the rest of a system.
10
VSS
Negative Power Supply Voltage. This is the negative supply voltage for the high voltage analog input structure
of the AD7366-5/AD7367-5. The supply must be less than or equal to −5 V (see Table 7 for further details).
Place 10 μF and 100 nF decoupling capacitors on the VSS pin.
11, 12
VA1, VA2
Analog Inputs of ADC A. These are both single-ended analog inputs. The analog input range on these channels is
determined by the RANGE0 and RANGE1 pins.
13, 14
VB2, VB1
Analog Inputs of ADC B. These are both single-ended analog inputs. The analog input range on these channels is
determined by the RANGE0 and RANGE1 pins.
15
VDD
Positive Power Supply Voltage. This is the positive supply voltage for the high voltage analog input structure
of the AD7366-5/AD7367-5. The supply must be greater than or equal to 5 V (see Table 7 for further details).
Place 10 μF and 100 nF decoupling capacitors on the VDD pin.


Similar Part No. - AD7366-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5ARUZ AD-AD7366-5ARUZ Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5ARUZ-REEL7 AD-AD7366-5ARUZ-REEL7 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5BRUZ AD-AD7366-5BRUZ Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5BRUZ-REEL7 AD-AD7366-5BRUZ-REEL7 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
More results

Similar Description - AD7366-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com