Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA611TA Datasheet(PDF) 3 Page - NEC

Part # UPA611TA
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA611TA Datasheet(HTML) 3 Page - NEC

  UPA611TA Datasheet HTML 1Page - NEC UPA611TA Datasheet HTML 2Page - NEC UPA611TA Datasheet HTML 3Page - NEC UPA611TA Datasheet HTML 4Page - NEC UPA611TA Datasheet HTML 5Page - NEC UPA611TA Datasheet HTML 6Page - NEC UPA611TA Datasheet HTML 7Page - NEC UPA611TA Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D11707EJ1V0DS00
3
µµµµPA611TA
TYPICAL CHARACTERISTICS (TA = 25 °C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
2
810
4
6
200
100
0
400
300
2.5 V
3 V
3.5 V
VGS = 4 V
1.0
2.0
3.0
1
0.1
0.01
0.001
0.0001
0.00001
0.000001
4.0
5.0
VGS - Gate to Sorce Voltage - V
TA = 125˚C
75˚C
25˚C
−25˚C
VDS = 3 V
TRANSFER CHARACTERISTICS
1
1
10
100
1000
0.01
0.1
0.001
0.0001
VDS = 3 V
ID - Drain Current - A
TA =
−25˚C
25˚C
75˚C
125˚C
FORWARD TRANSFER ADMMITTANCE Vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
0.0001
0.001
0.1
0.01
ID - Drain Current - A
0
15
10
20
5
VGS = 2.5 V
TA = 125˚C
25˚C
75˚C
−25˚C
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
0.01
0.001
0.0001
0.1
1
ID - Drain Current - A
0
5
10
15
VGS = 4 V
TA = 125˚C
75˚C
25˚C
−25˚C


Similar Part No. - UPA611TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA611TA RENESAS-UPA611TA Datasheet
234Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
UPA611TA VBSEMI-UPA611TA Datasheet
518Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Renesas Technology Corp
UPA611TA-T1-A RENESAS-UPA611TA-T1-A Datasheet
234Kb / 7P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - UPA611TA

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3576 NEC-2SK3576 Datasheet
66Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK1399 NEC-2SK1399 Datasheet
46Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3107 NEC-2SK3107 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2858 NEC-2SK2858 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com