Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA749313TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA749313TR
Description  3-watt 3-watt dual BTL class-D audio amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA749313TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA749313TR Datasheet HTML 7Page - STMicroelectronics TDA749313TR Datasheet HTML 8Page - STMicroelectronics TDA749313TR Datasheet HTML 9Page - STMicroelectronics TDA749313TR Datasheet HTML 10Page - STMicroelectronics TDA749313TR Datasheet HTML 11Page - STMicroelectronics TDA749313TR Datasheet HTML 12Page - STMicroelectronics TDA749313TR Datasheet HTML 13Page - STMicroelectronics TDA749313TR Datasheet HTML 14Page - STMicroelectronics TDA749313TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TDA7493
Applications information
Doc ID 14570 Rev 6
11/30
5
Applications information
5.1
Mode selection
Pin STANDBY selects the operating mode, namely standby or play.
In standby mode, all the circuits are turned off and there is very low leakage current.
In play mode, the amplifiers are powered up.
During the turn on/off sequence, there are four operational states: standby, pre-charge,
mute and play. The pre-charge and mute states are two internal transient states to set up
the normal operating condition and to reduce the speaker pop noise.
Note:
An internal pull-down resistor on pin STANDBY ensures that the default mode is standby.
5.2
Gain setting
The close loop gain is set by pins GAIN0 and GAIN1 as shown below in Table 7. The gain
setting is implemented by changing the feedback resistors of the amplifiers.
Note:
Internal pull-down resistors on pins GAIN0 and GAIN1 ensure that the default gain is 6 dB.
Table 6.
Mode selection
Logic level on pin STANDBY
Mode
0
Standby
1Play
Table 7.
Gain selection
Logic level on pin GAIN0
Logic level on pin GAIN1
Gv (nominal)
006.0 dB
0
1
12.0 dB
1
0
15.6 dB
1
1
18.0 dB


Similar Part No. - TDA749313TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
More results

Similar Description - TDA749313TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 20P
   160-watt 160-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com