Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT166H244CTEB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT166H244CTEB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT166H244CTEB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT166H244CTEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT166H244CTEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IDT54/74FCT16244T/AT/CT/ET, 162244T/AT/CT/ET,
166244T/AT/CT, 162H244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.2
6
POWER SUPPLY CHARACTERISTICS
2544 tbl 10
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL
, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
x
OE = GND
One Input Toggling
50% Duty Cycle
VIN = VCC
VIN = GND
60
100
µA/
MHz
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
fi = 10MHz
VIN = VCC
VIN = GND
0.6
1.5
mA
50% Duty Cycle
x
OE = GND
One Bit Toggling
VIN = 3.4V
VIN = GND
0.9
2.3
VCC = Max.
Outputs Open
fi = 2.5MHz
VIN = VCC
VIN = GND
2.4
4.5(5)
50% Duty Cycle
x
OE = GND
Sixteen Bits Toggling
VIN = 3.4V
VIN = GND
6.4
16.5(5)


Similar Part No. - IDT74FCT166H244CTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT166H245ATE IDT-IDT74FCT166H245ATE Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATEB IDT-IDT74FCT166H245ATEB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATPA IDT-IDT74FCT166H245ATPA Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATPAB IDT-IDT74FCT166H245ATPAB Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
IDT74FCT166H245ATPF IDT-IDT74FCT166H245ATPF Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT74FCT166H244CTEB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com