Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54233IRUZ-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54233IRUZ-T7A
Description  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233IRUZ-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54233IRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL54233IRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL54233
5
FN7918.0
December 21, 2011
Rise/Fall Degradation (Propagation
Delay), tPD
VDD = 3.0V, RL = 45Ω, CL = 10pF, (see Figure 8)
25
-
250
-
ps
Crosstalk
VDD = 3.0V, RL = 50Ω, f = 240MHz
25
-
-36
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 240MHz
25
-
-32
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω
25
-
1.6
-
GHz
OFF Capacitance, CXD+OFF, CXD-OFF
f = 1MHz, VDD = 3.0V (see Figure 6)
25
-
3
-
pF
COM ON Capacitance, CCOM-(ON),
CCOM+(ON)
f = 1MHz, VDD = 3.0V (see Figure 6)
25
-
6
-
pF
COM ON Capacitance, CCOM-(ON),
CCOM+(ON)
f = 240MHz, VDD = 3.0V
25
-
2.8
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
4.6
V
Positive Supply Current, IDD
(ALL OFF Mode)
VDD = 3.6V, C1 = GND, C0 = GND
25
-
6.5
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB1 Mode)
VDD = 3.6V, C1 = GND, C0 = VDD
25
-
6.5
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB2 Mode)
VDD = 3.6V, C1 = VDD, C0 = GND
25
-
6.5
8
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB3 Mode)
VDD = 3.6V, C0 = C1 = VDD
25
-
6.5
8
µA
Full
-
-
15
µA
Power OFF COMx Current, ICOMx
VDD = 0V, C0 = C1 = Float, COMx = 5.25V
25
-
-
1
µA
Power OFF Logic Current, IC0, IC1
VDD = 0V, C0 = C1 = 5.25V
25
-
11
-
µA
Power OFF D+/D- Current, IXD+, IXD-
VDD = 0V, C0 = C1 = Float, XD- = XD+ = 5.25V
25
-
5
-
µA
DIGITAL INPUT CHARACTERISTICS
C0, C1 Voltage Low, VC0L, VC1L
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
C0, C1 Voltage High, VC0H, VC1H
VDD = 2.7V to 3.6V
Full
1.4
-
5.25
V
C0, C1 Input Current, IC0L, IC1L
VDD = 3.6V, C0 = C1 = 0V or Float
Full
-50
6.2
50
nA
C0, C1 Input Current, IC0H, IC1H
VDD = 3.6V, C0 = C1 = 3.6V
Full
-2
1.6
2
µA
C0, C1 Pull-Down Resistor, RCx
VDD = 3.6V, C0 = C1 = 3.6V, Measure current into C0 or C1 pin
and calculate resistance value.
Full
-
4
-
M
Ω
NOTES:
11. Vlogic = Input voltage to perform proper function.
12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
14. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
15. Limits established by characterization and are not production tested.
16. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON value,
between 1D+ and 1D- or between 2D+ and 2D- or between 3D+ and 3D-.
Electrical Specifications - 2.7V to 3.6V Supply TestConditions: VDD=+3.0V,GND=0V,VC0H,VC1H=1.4V,VC0L,VC1L =0.5V,
(Note 11), Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes
12, 13)
TYP
MAX
(Notes
12, 13)
UNITS


Similar Part No. - ISL54233IRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54233IRUZ-T7A INTERSIL-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRUZ-T7A RENESAS-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

Similar Description - ISL54233IRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com