Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54233IRUZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54233IRUZ-T
Description  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233IRUZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54233IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54233IRUZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL54233
8
FN7918.0
December 21, 2011
Application Block Diagram
Detailed Description
The ISL54233 device consists of dual SP3T (single pole/triple
throw) analog switches. It operates from a single DC power
supply in the range of 2.7V to 4.6V. It was designed to function as
a differential 3 to 1 multiplexer to select between three different
differential data signals. It is offered in tiny UTQFN and TQFN
packages for use in MP3 players, PDAs, cellphones, and other
personal media players.
The device consists of six 6Ω data switches. It was designed to
pass high-speed USB differential data and digital video signals
with minimal edge and phase distortion. It can swing rail-to-rail to
pass UART and full-speed USB signals.
The COM pins can accept signals that swing below ground by as
much as -2V. This allows an audio source to be wired-OR
connected at the COM pins.
The ISL54233 was specifically designed for MP3 players,
personal media players and cellphone applications that need to
combine three differential data channels into a single shared
connector, thereby saving space and component cost. This
functionality is shown in the Typical Application Block Diagram
on page 1.
A detailed description of the switches is provided in the following
sections.
Data Switches
The six data switches (1D+, 1D-, 2D+, 2D-, 3D+, 3D-) are 6Ω
bidirectional switches that were specifically designed to pass
high-speed USB differential data signals in the range of 0V to
400mV. The switches have low capacitance and high bandwidth
to pass USB high-speed signals (480Mbps) with minimum edge
and phase distortion to meet USB 2.0 signal quality
specifications. See Figures 15 and 16 for high-speed Eye Pattern
taken with the switch in the signal path.
These switches can also swing rail-to-rail and pass USB full-speed
(12Mbps) and UART signals with minimal distortion. See
Figure 17 for USB full-speed Eye Pattern taken with the switch in
the signal path.
The maximum normal operating signal range for the USB
switches is from -1V to VDD. The signal voltage at D- and D+
should not be allowed to exceed the VDD voltage rail or go below
ground by more than -1V for normal operation.
Fault Protection and Power-Off Protection
However, in the event that the USB 5.25V VBUS voltage were
shorted to one or both of the COM pins, the ISL54233 has fault
protection circuitry to prevent damage to the ISL54233 part. The
fault circuitry allows the signal pins (COM-, COM+, 1D-, 1D+, 2D-,
2D+, 3D-, 3D+) to be driven up to 5.25V while the VDD supply
voltage is in the range of 0V to 4.6V. This fault condition causes
no stress to the IC.
In addition, when VDD is at 0V (ground) all switches are OFF and
the fault voltage is isolated from the other side of the switch
(Power-Off Protection).
When VDD is in the range of 2.7V to 4.6V, the fault voltage will
pass through to the output of an active switch channel.
Note: During the fault condition, normal operation is not
guaranteed until the fault condition is removed.
ISL54233 Operation
The discussion that follows will discuss using the ISL54233 in the
“Application Block Diagram” on page 8.
ISL54233
DIGITAL
VIDEO
UART
COM -
COM +
C1
GND
1D+
1D-
2D+
2D-
VDD
C0
LOGIC CONTROL
µCONTROLLER
VBUS
3.3V
3D-
USB
4MΩ
TRANSCEIVER
3D+
AUDIO
CODEC
ISL54406
HEAD
PHONE
JACK
100Ω


Similar Part No. - ISL54233IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54233IRUZ-T INTERSIL-ISL54233IRUZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRUZ-T RENESAS-ISL54233IRUZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRUZ-T7A INTERSIL-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRUZ-T7A RENESAS-ISL54233IRUZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

Similar Description - ISL54233IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com