Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKBJ404 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SKBJ404
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SKBJ404 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SKBJ404 Datasheet HTML 1Page - List of Unclassifed Manufacturers SKBJ404 Datasheet HTML 2Page - List of Unclassifed Manufacturers SKBJ404 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SKBJ402 thru SKBJ410
Document Number: SKBJ402 thru SKBJ410
www.
Jan.12, 2011
2
smsemi.com
Performance Curves
100
10
1.0
0.1
5
4
3
2
1
0
0 .6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Fwd Characteristics, per element
Tj=25ºC
Pulse Width=300μs
Mounted on 4×4 inch
Copper PC Board
12.7mm lead length
0
50
100
150
TA, AMBIENT TEMPERATURE (ºC)
Fig.1 Forward Current Derating Curve
Tj=25ºC
f =1MHZ
90
60
30
0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig.3 Max Non-Repetitive Peak Fwd Surge Current
400
100
10
Tj=150ºC
8.3ms Single Half Sine-Wave
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance per element
Tj=125ºC
Tj=25ºC
0
20
40
60
80
100
120
140
RATED PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
10
1.0
0.1
0.01


Similar Part No. - SKBJ404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKBJ404G ETC2-SKBJ404G Datasheet
162Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - SKBJ404

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com