Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT100KP170A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT100KP170A
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RT100KP170A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT100KP170A Datasheet HTML 1Page - List of Unclassifed Manufacturers RT100KP170A Datasheet HTML 2Page - List of Unclassifed Manufacturers RT100KP170A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RT100KP33A thru RT100KP400CA
Document Number: RT100KP33A thru RT100KP400CA
www.smsemi.com
Feb.29, 2012
1
Maximum Ratings and Electrical Characteristics @ 25
OC unless otherwise specified
Symbol
Conditions
Value
Unit
PPPM
Peak pulse power capability with a 6.4/69
μs
100
KW
IPPM
Peak pulse current with a 6.4/69
μs
SEE TABLE1
A
PM(AV)
Steady state power dissipation at TL=27.5℃ ,Lead lengths 0.375”(10mm)
7
W
Steady state power dissipation at TA=25℃ when mounted on FR4 PC
described for thermal resistance
1.61
W
RθJL
Thermal resistance junction to lead
17.5
℃/W
RθJA
Thermal resistance junction to ambient
77.5
℃/W
TJ, TSTG
Operating and Storage Temperature
-65 to +150
Transient Voltage Suppressor
Breakdown Voltage 33 to 400V
Peak Pulse Power
100KW
Features
Breakdown Voltages (VBR) from 33 to 400V
100KW peak pulse power capability with a 6.4/69
μs
waveform, repetitive rate (duty cycle):0.005%
Fast Response Time
Low incremental surge resistance
Excellent clamping capability
Available in uni-directional and bi-directional
High temperature soldering guaranteed: 265℃ /10
seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg)
tension
Application
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICS, MOSFE, signal lines of sensor units for
consumer, computer, industrial, automotive and
telecommunication
Mechanical Data
Case: Void-free transfer molded thermosetting epoxy
body meeting UL94V-O
Terminals: Tin-Lead or ROHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-750,
Method 2026
Marking: Body marked with part number
Polarity: Band denotes cathode. Bidirectional not
marked.
Weight: 2.1g(Approximately)
CASE: R-6
Dimensions in inches and (millimeters)
打印无效


Similar Part No. - RT100KP170A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
RT100KP170A MICROSEMI-RT100KP170A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
MDE Semiconductor, Inc.
RT100KP170A MDE-RT100KP170A Datasheet
171Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
RT100KP170A NJSEMI-RT100KP170A Datasheet
99Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - RT100KP170A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com