Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGBL10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SGBL10
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGBL10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SGBL10 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGBL10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number : SGBL02
www.smsemi.com
Mar 31, 2005
34
SGBL02 thru SGBL10
0.1
1.0
10
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25°C
j
Pulse width = 300 µs
0
40
80
120
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
T = 150°C
j
8.3 ms Single Half-Sine Wave
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100°C
j
T = 25°C
j
0
1
2
3
4
5
6
0
50
100
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
Mounted on4X4 inch
Copper PC Board
12.7mm lead length
10
100
400
0.1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance per element
R
1.0
T = 25°C
j
f=1MHz


Similar Part No. - SGBL10

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SGB BILIN-SGB Datasheet
117Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
List of Unclassifed Man...
SGB-2233 ETC-SGB-2233 Datasheet
194Kb / 6P
   DC-4.5GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-2233 SIRENZA-SGB-2233 Datasheet
125Kb / 6P
   DC - 4.5 GHz Active Bias Gain Block
logo
RF Micro Devices
SGB-2233 RFMD-SGB-2233 Datasheet
206Kb / 8P
   DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
logo
SIRENZA MICRODEVICES
SGB-2233Z SIRENZA-SGB-2233Z Datasheet
125Kb / 6P
   DC - 4.5 GHz Active Bias Gain Block
More results

Similar Description - SGBL10

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com