Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT100KP58A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT100KP58A
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RT100KP58A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT100KP58A Datasheet HTML 1Page - List of Unclassifed Manufacturers RT100KP58A Datasheet HTML 2Page - List of Unclassifed Manufacturers RT100KP58A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RT100KP33A thru RT100KP400CA
Document Number: RT100KP33A thru RT100KP400CA
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Note1. For bidirectional construction, indicate a CA suffix (instead of A) after the part number, i.e. RT100KP400CA.
Note2. Clamping voltage does not include any variable parasitic lead inductance effects observed during the 6.4µs rise time due to
lead length.
Note3. The Maximum Peak Pulse Current (IPP) shown represents the performance capabilities by design.
Part
Number
(Note1 )
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Reverse
Leakage
ID @ VWM
Maximum
Peak
Pulse
Current
(Note3)
@6.4/69µs
Maximum
Clamping
Voltage
VC @
IPP(Note2)
Maximum
Temperature
Coefficient
of V(BR)
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR)(mV/℃)
RT100KP33A
RT100KP36A
RT100KP40A
RT100KP43A
36.7
40.0
44.4
47.8
40.6
44.2
49.1
52.8
50
50
20
10
33.0
36.0
40.0
43.0
5000
5000
1500
500
1825
1672
1518
1432
58.6
61.8
68.6
71.0
38
41
46
50
RT100KP45A
RT100KP48A
RT100KP51A
RT100KP54A
50.0
53.3
56.7
60.0
55.3
58.9
62.7
66.3
5
5
5
5
45.0
48.0
51.0
54.0
150
150
50
25
1365
1285
1205
1139
73.0
77.7
82.8
87.5
52
56
60
63
RT100KP58A
RT100KP60A
RT100KP64A
RT100KP70A
64.4
66.7
71.1
77.8
71.2
73.7
78.6
86.0
5
5
5
5
58.0
60.0
67.0
70.0
15
15
10
10
1066
1012
959
879
94.0
97.3
104.0
114.0
68
71
76
83
RT100KP75A
RT100KP78A
RT100KP85A
RT100KP90A
83.3
86.7
94.4
100.0
92.1
95.8
104.0
111.0
5
5
5
5
75.0
78.0
85.0
95.0
10
10
10
10
819
793
726
686
122.0
126.0
137.0
146.0
89
93
102
109
RT100KP100A
RT100KP110A
RT100KP120A
RT100KP130A
111.0
122.0
133.0
144.0
123.0
135.0
147.0
159.0
5
5
5
5
100.0
110.0
120.0
130.0
10
10
10
10
619
559
519
473
162.0
178.0
193.0
209.0
121
133
145
157
RT100KP150A
RT100KP160A
RT100KP170A
RT100KP180A
167.0
178.0
189.0
200.0
185.0
197.0
209.0
221.0
5
5
5
5
150.0
160.0
170.0
180.0
10
10
10
10
413
386
366
346
243.0
259.0
275.0
291.0
183
195
207
219
RT100KP200A
RT100KP220A
RT100KP250A
RT100KP260A
222.0
245.0
278.0
289.0
245.0
271.0
308.0
320.0
5
5
5
5
200.0
220.0
250.0
260.0
10
10
10
10
313
280
246
236
322.0
356.0
403.0
419.0
243
269
306
318
RT100KP280A
RT100KP300A
RT100KP350A
RT100KP400A
311.0
333.0
389.0
444.0
345.0
369.0
431.0
492.0
5
5
5
5
280.0
300.0
350.0
400.0
10
10
10
10
220
206
176
153
451.0
483.0
564.0
644.0
344
368
430
490
打印无效


Similar Part No. - RT100KP58A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
RT100KP58A MICROSEMI-RT100KP58A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
MDE Semiconductor, Inc.
RT100KP58A MDE-RT100KP58A Datasheet
171Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
RT100KP58A NJSEMI-RT100KP58A Datasheet
99Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - RT100KP58A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com