Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P6KE11
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P6KE11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P6KE11 Datasheet HTML 1Page - List of Unclassifed Manufacturers P6KE11 Datasheet HTML 2Page - List of Unclassifed Manufacturers P6KE11 Datasheet HTML 3Page - List of Unclassifed Manufacturers P6KE11 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P6KE6.8 thru P6KE440CA
Document Number: P6KE6.8 thru P6KE440CA
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of V(BR)
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR) (%/℃)
P6KE6.8
P6KE6.8A
P6KE7.5
P6KE7.5A
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
5.50
5.80
6.05
6.40
1000
1000
500
500
56.0
57.0
51.0
53.0
10.8
10.5
11.7
11.3
.057
.057
.061
.061
P6KE8.2
P6KE8.2A
P6KE9.1
P6KE9.1A
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10
10
1
1
6.63
7.02
7.37
7.78
200
200
50
50
48.0
50.0
44.0
45.0
12.5
12.1
13.8
13.4
.065
.065
.068
.068
P6KE10
P6KE10A
P6KE11
P6KE11A
9.0
9.5
9.9
10.5
11.0
10.5
12.1
11.6
1
1
1
1
8.10
8.55
8.92
9.40
10
10
5
5
40.0
41.0
37.0
38.0
15.0
14.5
16.2
15.6
.073
.073
.075
.075
P6KE12
P6KE12A
P6KE13
P6KE13A
10.8
11.4
11.7
12.4
13.2
12.6
14.3
13.7
1
1
1
1
9.72
10.2
10.5
11.1
5
5
5
5
35.0
36.0
32.0
33.0
17.3
16.7
19.0
18.2
.078
.078
.081
.081
P6KE15
P6KE15A
P6KE16
P6KE16A
13.5
14.3
14.4
15.2
16.5
15.8
17.6
16.8
1
1
1
1
12.1
12.8
12.9
13.6
1
1
1
1
27.0
28.0
26.0
27.0
22.0
21.2
23.5
22.5
.084
.084
.086
.086
P6KE18
P6KE18A
P6KE20
P6KE20A
16.2
17.1
18.0
19.0
19.8
18.9
22.0
21.0
1
1
1
1
14.5
15.3
16.2
17.1
1
1
1
1
23.0
24.0
21.0
22.0
26.5
25.2
29.1
27.7
.088
.088
.090
.090
P6KE22
P6KE22A
P6KE24
P6KE24A
19.8
20.9
21.6
22.8
24.2
23.1
26.4
25.2
1
1
1
1
17.8
18.8
19.4
20.5
1
1
1
1
19.0
20.0
17.0
18.0
31.9
30.6
34.7
33.2
.092
.092
.094
.094
P6KE27
P6KE27A
P6KE30
P6KE30A
24.3
25.7
27.0
28.5
29.7
28.4
33.0
31.5
1
1
1
1
21.8
23.1
24.3
25.6
1
1
1
1
15.0
16.0
14.0
14.4
39.1
37.5
43.5
41.4
.096
.096
.097
.097
P6KE33
P6KE33A
P6KE36
P6KE36A
29.7
31.4
32.4
34.2
36.3
34.7
39.6
37.8
1
1
1
1
26.8
28.2
29.1
30.8
1
1
1
1
12.6
13.2
11.6
12.0
47.7
45.7
52.0
49.9
.098
.098
.099
.099
P6KE39
P6KE39A
P6KE43
P6KE43A
35.1
37.1
38.7
40.9
42.9
41.0
47.3
45.2
1
1
1
1
31.6
33.3
34.8
36.8
1
1
1
1
10.6
11.2
9.6
10.1
56.4
53.9
61.9
59.3
.100
.100
.101
.101
P6KE47
P6KE47A
P6KE51
P6KE51A
42.3
44.7
45.9
48.5
51.7
49.4
56.1
53.6
1
1
1
1
38.1
40.2
41.3
43.6
1
1
1
1
8.8
9.3
8.2
8.6
67.8
64.8
73.5
70.1
.101
.101
.102
.102
P6KE56
P6KE56A
P6KE62
P6KE62A
50.4
53.2
55.8
58.9
61.6
58.8
68.2
65.1
1
1
1
1
45.4
47.8
50.2
53.0
1
1
1
1
7.4
7.8
6.8
7.1
80.5
77.0
89.0
85.0
.103
.103
.104
.104
P6KE68
P6KE68A
P6KE75
P6KE75A
61.2
64.6
67.5
71.3
74.8
71.4
82.5
78.8
1
1
1
1
55.1
58.1
60.7
64.1
1
1
1
1
6.1
6.5
5.5
5.8
98.0
92.0
108.0
103.0
.104
.104
.105
.105
打印无效


Similar Part No. - P6KE11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P6KE11 MCC-P6KE11 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Pan Jit International I...
P6KE11 PANJIT-P6KE11 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Shanghai Shunye Electro...
P6KE11 SHUNYE-P6KE11 Datasheet
506Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
P6KE11 MICROSEMI-P6KE11 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
RFE international
P6KE11 RFE-P6KE11 Datasheet
377Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
More results

Similar Description - P6KE11

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com