Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS20MS Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ACS20MS
Description  Radiation Hardened Dual 4-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS20MS Datasheet(HTML) 5 Page - Intersil Corporation

  ACS20MS Datasheet HTML 1Page - Intersil Corporation ACS20MS Datasheet HTML 2Page - Intersil Corporation ACS20MS Datasheet HTML 3Page - Intersil Corporation ACS20MS Datasheet HTML 4Page - Intersil Corporation ACS20MS Datasheet HTML 5Page - Intersil Corporation ACS20MS Datasheet HTML 6Page - Intersil Corporation ACS20MS Datasheet HTML 7Page - Intersil Corporation ACS20MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Specifications ACS20MS
Spec Number
518815
Propagation Delay Timing Diagram and Load Circuit
Intersil - Space Products MS Screening
Wafer Lot Acceptance (All Lots) Method 5007 (Includes SEM)
Radiation Verification (Each Wafer) Method 1019,
4 Samples/Wafer, 0 Rejects
100% Nondestructive Bond Pull Method 2023
100% Internal Visual Inspection Method 2010
100% Temperature Cycling Method 1010 Condition C
(-65o to +150oC)
100% Constant Acceleration
100% PIND Testing
100% External Visual Inspection
100% Serialization
100% Initial Electrical Test
100% Static Burn-In 1 Method 1015, 24 Hours at +125oC Min
100% Interim Electrical Test 1 (Note 1)
100% Static Burn-In 2 Method 1015, 24 Hours at +125oC Min
100% Interim Electrical Test 2 (Note 1)
100% Dynamic Burn-In Method 1015, 240 Hours at +125oC
or 180 Hours at +135oC
100% Interim Electrical Test 3 (Note 1)
100% Final Electrical Test
100% Fine and Gross Seal Method 1014
100% Radiographics Method 2012 (2 Views)
100% External Visual Method 2009
Group A (All Tests) Method 5005 (Class S)
Group B (Optional) Method 5005 (Class S) (Note 2)
Group D (Optional) Method 5005 (Class S) (Note 2)
CSI and/or GSI (Optional) (Note 2)
Data Package Generation (Note 3)
NOTES:
1. Failures from interim electrical tests 1 and 2 are combined for determining PDA (PDA = 5% for subgroups 1, 7, 9 and delta failures com-
bined, PDA = 3% for subgroup 7 failures). Interim electrical tests 3 PDA (PDA = 5% for subgroups 1, 7, 9 and delta failures combined,
PDA = 3% for subgroup 7 failures).
2. These steps are optional, and should be listed on the purchase order if required.
3. Data Package Contents:
Cover Sheet (P.O. Number, Customer Number, Lot Date Code, Intersil Number, Lot Number, Quantity).
Certificate of Conformance (as found on shipper).
Lot Serial Number Sheet (Good Unit(s) Serial Number and Lot Number).
Variables Data (All Read, Record, and delta operations).
Group A Attributes Data Summary.
Wafer Lot Acceptance Report (Method 5007) to include reproductions of SEM photos. NOTE: SEM photos to include percent of step coverage.
X-Ray Report and Film, including penetrometer measurements.
GAMMA Radiation Report with initial shipment of devices from the same wafer lot; containing a Cover Page, Disposition, RAD Dose,
Lot Number, Test Package, Spec Number(s), Test Equipment, etc. Irradiation Read and Record data will be on file at Intersil.
VS
INPUT
OUTPUT
VIH
VSS
VOH
VOL
TPLH
TPHL
VS
AC VOLTAGE LEVELS
PARAMETER
ACS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
50pF
500


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 Intersil Corporation
CTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
HCS20MSRadiation Hardened Dual 4-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
HCTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
HCS21MSRadiation Hardened Dual 4-Input AND Gate 1 2 3 4 5 MoreIntersil Corporation
HCTS21MSRadiation Hardened Dual 4-Input AND Gate 1 2 3 4 5 MoreIntersil Corporation
HCTS4002MSRadiation Hardened Dual 4-Input NOR Gate 1 2 3 4 5 MoreIntersil Corporation
ACS21MSRadiation Hardened Dual 4-Input AND Gate 1 2 Intersil Corporation
74LVT203.3V Dual 4-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn