Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSAD70-08 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSAD70-08
Description  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSAD70-08 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSAD70-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSAD70-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSAD70-08 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD70
Document Number: MSCD70
www.
Aug.31, 2010
1
smsemi.com
Module Type
TYPE
VRRM
VRSM
MSCD70-08
MSCD70-12
MSCD70-16
MSCD70-18
MSAD70-08
MSAD70-12
MSAD70-16
MSAD70-18
MSKD70-08
MSKD70-12
MSKD70-16
MSKD70-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Single phase ,half wave 180°conduction Tc=102℃
70
A
IF(RMS)
Single phase ,half wave 180°conduction Tc=99℃
105
A
IFSM
t=10mS Tvj =45℃
1400
A
i
2t
t=10mS Tvj =45℃
9800
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to 150
Tstg
-40 to 125
Mt
To terminals(M5)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module (Approximately)
100
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.51
℃/W
Rth(c-s)
Module
0.1
℃/W
Electrical Characteristics
Circuit
Glass Passivated Rectifier
Diode Modules
VRRM 800 to 1800V
IFAV
70 Amp
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
UL E243882 approved
Values
Symbol
Conditions
Min.
Typ.
Max.
Units
VFM
T=25℃ IF =200A
1.20
1.48
V
IRD
Tvj=150℃ VRD=VRRM
5
mA


Similar Part No. - MSAD70-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSAD70B-08 ETC2-MSAD70B-08 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSAD70B-12 ETC2-MSAD70B-12 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSAD70B-16 ETC2-MSAD70B-16 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
MSAD70B-18 ETC2-MSAD70B-18 Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Similar Description - MSAD70-08

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com