Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16245CTEB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT16245CTEB
Description  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16245CTEB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT74FCT16245CTEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 9Page - Integrated Device Technology IDT74FCT16245CTEB Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5.3
7
IDT54/74FCT16245T/AT/CT/ET, 162245T/AT/CT/ET, IDT54/74FCT166245T/AT/CT, IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
2545 tbl 11
2545 tbl 12
FCT16245T/162245T(5)
FCT16245AT/162245AT(5)
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A to B, B to A
CL = 50pF
RL = 500
1.5
7.0
1.5
7.5
1.5
4.6
1.5
4.9
ns
tPZH
tPZL
Output Enable Time
x
OE to A or B
1.5
9.5
1.5
10.0
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
x
OE to A or B
1.5
7.5
1.5
10.0
1.5
5.0
1.5
6.0
ns
tPZH
tPZL
Output Enable Time
xDIR to A or B(4)
1.5
9.5
1.5
10.0
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
xDIR to A or B(4)
1.5
7.5
1.5
10.0
1.5
5.0
1.5
6.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
0.5
ns
FCT16245CT/162245CT(5)
FCT16245ET/162245ET(5)
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A to B, B to A
CL = 50pF
RL = 500
1.5
4.1
1.5
4.5
1.5
3.2
ns
tPZH
tPZL
Output Enable Time
x
OE to A or B
1.5
5.8
1.5
6.2
1.5
4.4
ns
tPHZ
tPLZ
Output Disable Time
x
OE to A or B
1.5
4.8
1.5
5.2
1.5
4.0
ns
tPZH
tPZL
Output Enable Time
xDIR to A or B(4)
1.5
5.8
1.5
6.2
1.5
4.8
ns
tPHZ
tPLZ
Output Disable Time
xDIR to A or B(4)
1.5
4.8
1.5
5.2
1.5
4.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
ns
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This parameter is guaranteed but not tested.
5. Including parts with Bus Hold.


Similar Part No. - IDT74FCT16245CTEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240AT IDT-IDT74FCT16240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATE IDT-IDT74FCT16240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATEB IDT-IDT74FCT16240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATPA IDT-IDT74FCT16240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16240ATPAB IDT-IDT74FCT16240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT16245CTEB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com