Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5930PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5930PWPR
Description  12-CHANNEL LED DRIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5930PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5930PWPR Datasheet HTML 1Page - Texas Instruments TLC5930PWPR Datasheet HTML 2Page - Texas Instruments TLC5930PWPR Datasheet HTML 3Page - Texas Instruments TLC5930PWPR Datasheet HTML 4Page - Texas Instruments TLC5930PWPR Datasheet HTML 5Page - Texas Instruments TLC5930PWPR Datasheet HTML 6Page - Texas Instruments TLC5930PWPR Datasheet HTML 7Page - Texas Instruments TLC5930PWPR Datasheet HTML 8Page - Texas Instruments TLC5930PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TLC5930
SLLS528 – MARCH 2002
2
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OUT0
OUT1
OUT2
GND
OUT3
OUT4
OUT5
GND
DTIN
STIN
GCLK
GND
OUT11
OUT10
OUT9
GND
OUT8
OUT7
OUT6
DTOUT
STOUT
XRST
IREF
VCC
PWP PACKAGE
(TOP VIEW)
PACKAGE
PowerPad TSSOP
(PWP)
TLC5930PWP
TA
–20
°C to 85°C
AVAILABLE OPTIONS
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage,
VCC
–0.3 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (dc),
IO(LC)
45 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,
VIN
–0.3 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range,
VDTOUT, VSTOUT
–0.3 V to (VCC – 0.2 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VOUT0 – VOUT11, (when off)
–0.3 V to 17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VOUT0 – VOUT11, (when on)
–0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation rating at (or above) TA = 25°C
3.7 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages values are with respsect to GND terminal.
2. At operating temperature range over 25
°C, dependent on derating factor of 41 mW/°C.


Similar Part No. - TLC5930PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930PWP TI-TLC5930PWP Datasheet
779Kb / 39P
[Old version datasheet]   12-CHANNEL LED DRIVER
More results

Similar Description - TLC5930PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930 TI-TLC5930 Datasheet
779Kb / 39P
[Old version datasheet]   12-CHANNEL LED DRIVER
logo
LDT Co., Ltd
LD1512 LDT-LD1512 Datasheet
1Mb / 39P
   12 Channel Output LED Driver
logo
Linear Dimensions Semic...
LND8925 LINEAR_DIMENSIONS-LND8925 Datasheet
118Kb / 1P
   60 V Led Driver, 12 Channel, 40mA
logo
Texas Instruments
TLC6C5912 TI1-TLC6C5912 Datasheet
938Kb / 23P
[Old version datasheet]   TLC6C5912 12-Channel Shift-Register LED Driver
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
BD18378EFV-M ROHM-BD18378EFV-M Datasheet
1Mb / 30P
   Advanced 12 Channel Constant Current LED Driver IC
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
logo
Sharp Corporation
IR2406 SHARP-IR2406 Datasheet
316Kb / 3P
   12-DOT LED DISPLAY DRIVER
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
logo
Sharp Corporation
IR2431 SHARP-IR2431 Datasheet
220Kb / 3P
   12-Dot LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com