Electronic Components Datasheet Search |
|
TL16C752B-EP Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TL16C752B-EP Datasheet(HTML) 4 Page - Texas Instruments |
4 / 40 page Control Signals Modem Control Signals Divisor Bus Interface Control and Status Block Status Signals Control Signals Status Signals Baud Rate Generator UART_CLK Receiver Block Logic Receiver FIFO 64-Byte Vote Logic Transmitter Block Logic Transmitter FIFO 64-Byte RX RX TX TX TL16C752B-EP SGLS153B – FEBRUARY 2003 – REVISED DECEMBER 2007 www.ti.com TERMINAL FUNCTIONS (continued) TERMINAL I/O DESCRIPTION NAME NO. Transmit data. These outputs are associated with individual serial transmit channel data from the TXA, 7, O TL16C752B. During the local loopback mode, the TX input pin is disabled and TX data is internally TXB 8 connected to the UART RX input. TXRDYA, 43, Transmit ready (active low). TXRDY A and B go low when there are at least a trigger level numbers of O TXRDYB 6 spaces available. They go high when the TX buffer is full. VCC 42 I Power supply inputs Crystal or external clock input. XTAL1 functions as a crystal input or as an external clock input. A XTAL1 13 I crystal can be connected between XTAL1 and XTAL2 to form an internal oscillator circuit (see Figure 10). Alternatively, an external clock can be connected to XTAL1 to provide custom data rates. Output of the crystal oscillator or buffered clock. See also XTAL1. XTAL2 is used as a crystal oscillator XTAL2 14 O output or buffered a clock output. FUNCTIONAL BLOCK DIAGRAM A. The vote logic determines whether the RX data is a logic 1 or 0. It takes three samples of the RX line and uses a majority vote to determine the logic level received. The vote logic operates on all bits received. 4 Submit Documentation Feedback Copyright © 2003–2007, Texas Instruments Incorporated Product Folder Links: TL16C752B-EP |
Similar Part No. - TL16C752B-EP |
|
Similar Description - TL16C752B-EP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |