Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7278BRMZ-REEL Datasheet(PDF) 13 Page - Analog Devices

Part # AD7278BRMZ-REEL
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7278BRMZ-REEL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7278BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 10Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 11Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 12Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 13Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 14Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 15Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 16Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 12 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
GND 2
VIN 3
CS
6
SCLK
4
SDATA
5
AD7276/
AD7277/
AD7278
TOP VIEW
(Not to Scale)
Figure 8. 6-Lead TSOT Pin Configuration
VDD 1
SDATA 2
CS 3
NC 4
VIN
8
GND
7
SCLK
6
NC
5
NC = NO CONNECT
AD7276/
AD7277/
AD7278
TOP VIEW
(Not to Scale)
Figure 9. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
6-Lead TSOT
8-Lead MSOP
Mnemonic
Description
1
1
VDD
Power Supply Input. The VDD range for the AD7276/AD7277/AD7278 is 2.35 V to 3.6 V.
2
7
GND
Analog Ground. Ground reference point for all circuitry on the
AD7276/AD7277/AD7278. All analog input signals should be referred to this GND
voltage.
3
8
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
6
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the
part. This clock input is also used as the clock source for the conversion process of the
AD7276/AD7277/AD7278.
5
2
SDATA
Data Out. Logic output. The conversion result from the AD7276/AD7277/AD7278 is
provided on this output as a serial data stream. The bits are clocked out on the falling
edge of the SCLK input. The data stream from the AD7276 consists of two leading
zeros followed by 12 bits of conversion data and two trailing zeros, provided MSB first.
The data stream from the AD7277 consists of two leading zeros followed by 10 bits of
conversion data and four trailing zeros, provided MSB first. The data stream from the
AD7278 consists of two leading zeros followed by 8 bits of conversion data and six
trailing zeros, provided MSB first.
6
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating
conversion on the AD7276/AD7277/AD7278 and framing the serial data transfer.
4, 5
NC
No Connect.


Similar Part No. - AD7278BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7278BRMZ-REEL AD-AD7278BRMZ-REEL Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278BRMZ-REEL AD-AD7278BRMZ-REEL Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

Similar Description - AD7278BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com