Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7277BRMZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # AD7277BRMZ-REEL
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7277BRMZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7277BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 10Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 11Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 12Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 13Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 14Page - Analog Devices AD7277BRMZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 10 of 28
TIMING EXAMPLES
For the AD7276, if CS is brought high during the 14
th SCLK rising
edge after the two leading zeros and 12 bits of the conversion
have been provided, the part can achieve the fastest throughput
rate, 3 MSPS. If CS is brought high during the 16
th SCLK rising
edge after the two leading zeros and 12 bits of the conversion
and two trailing zeros have been provided, a throughput rate of
2.97 MSPS is achievable. This is illustrated in the following two
timing examples.
Timing Example 1
In Figure 6, using a 14 SCLK cycle, fSCLK = 48 MHz and the
throughput is 3 MSPS. This produces a cycle time of t2 +
12.5(1/fSCLK) + tACQ = 333 ns, where t2 = 6 ns minimum and
tACQ = 67 ns.
This satisfies the requirement of 60 ns for tACQ. Figure 6 also
shows that tACQ comprises 0.5(1/fSCLK) + t8 + tQUIET, where
t8 = 14 ns max. This allows a value of 43 ns for tQUIET, satisfying
the minimum requirement of 4 ns.
Timing Example 2
The example in Figure 7 uses a 16 SCLK cycle, fSCLK = 48 MHz,
and the throughput is 2.97 MSPS. This produces a cycle time of
t2 + 12.5(1/fSCLK) + tACQ = 336 ns, where t2 = 6 ns minimum and
tACQ = 70 ns. Figure 7 shows that tACQ comprises 2.5(1/fSCLK) + t8 +
tQUIET, where t8 = 14 ns max. This satisfies the minimum
requirement of 4 ns for tQUIET.
1
2
34
5
1314
15
16
SCLK
SDATA
THREE-STATE
THREE-
STATE
2 LEADING
ZEROS
2 TRAILING
ZEROS
B
CS
t3
tCONVERT
t2
ZERO
Z
DB11
DB10
DB9
DB1
DB0
ZERO
ZERO
t6
t5
t8
t1
tQUIET
1/THROUGHPUT
t4
t7
Figure 5. AD7276 Serial Interface Timing Diagram
tQUIET
tCONVERT
1/THROUGHPUT
CS
15
13
t4
234
t5
t3
t2
t6
t7
t9
14
B
t1
SCLK
SDATA
THREE-STATE
THREE-
STATE
2 LEADING
ZEROS
ZZERO
DB11
DB10
DB9
DB1
DB0
Figure 6. AD7276 Serial Interface Timing 14 SCLK Cycle
123
4
5
13
12
14
15
16
SCLK
B
CS
tCONVERT
t2
t8
t1
tQUIET
1/THROUGHPUT
12.5(1/fSCLK)
tACQUISITION
Figure 7. AD7276 Serial Interface Timing 16 SCLK Cycle


Similar Part No. - AD7277BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7277BRMZ-REEL AD-AD7277BRMZ-REEL Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277BRMZ-REEL AD-AD7277BRMZ-REEL Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

Similar Description - AD7277BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com