Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-85528012A Datasheet(PDF) 10 Page - Intersil Corporation

Part # 5962-85528012A
Description  CMOS Bus Arbiter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-85528012A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 5962-85528012A Datasheet HTML 6Page - Intersil Corporation 5962-85528012A Datasheet HTML 7Page - Intersil Corporation 5962-85528012A Datasheet HTML 8Page - Intersil Corporation 5962-85528012A Datasheet HTML 9Page - Intersil Corporation 5962-85528012A Datasheet HTML 10Page - Intersil Corporation 5962-85528012A Datasheet HTML 11Page - Intersil Corporation 5962-85528012A Datasheet HTML 12Page - Intersil Corporation 5962-85528012A Datasheet HTML 13Page - Intersil Corporation 5962-85528012A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
4-352
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C89. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
I82C89 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
M82C89 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
80
20
CLCC Package . . . . . . . . . . . . . . . . . .
90
24
PDIP Package . . . . . . . . . . . . . . . . . . .
75
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
75
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to +150oC
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300oC
(PLCC - Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = 5.0V ± 10%;
TA = 0
oC to +70oC (C82C89);
TA = -40
oC to +85oC (I82C89);
TA = -55
oC to +125oC (M82C89)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
2.2
-
-
V
V
C82C89, I82C89
M82C89, Note 1
VIL
Logical Zero Input Voltage
-
0.8
V
Note 1
VIHC
CLK Logical One Input Voltage
0.7 VCC
-
V
VILC
CLK Logical Zero Input Voltage
-
0.2 VCC
V
VOL
Output Low Voltage
BUSY, CBRQ
AEN
BPRO, BREQ
-
-
-
0.45
0.45
0.45
V
V
V
IOL = 20mA
IOL = 16mA
IOL = 8mA
VOH1
Output High Voltage
BUSY, CBRQ
Open-Drain
VOH2
Output High Voltage
All Other Outputs
3.0
VCC -0.4
-V
V
IOH = -2.5mA
IOH = -100µA
II
Input Leakage Current
-1.0
1.0
µAVIN = GND or VCC, DIP Pins 1-6, 9, 14-19
IO
I/O Leakage
-10.0
10.0
µAVO = GND or VCC, DIP Pins 11-12
ICCSB
Standby Power Supply
-
10
µAVCC = 5.5V, VIN = VCC or GND, Outputs Open
ICCOP
Operating Power Supply Current
-
1
mA/MHz
VCC = 5.5V, Outputs Open, Note 2
NOTES:
1. Does not apply to IOB, RESB, or ANYRQST. These are strap options and should be held to VCC or GND.
2. Maximum current defined by CLK or BCLK, whichever has the highest operating frequency
Capacitance TA = +25oC
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
10
pF
FREQ = 1MHz, all measurements are
referenced to device GND
COUT
Output Capacitance
10
pF
CIO
I/O Capacitance
15
pF
82C89


Similar Part No. - 5962-85528012A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
5962-8552301Q AMD-5962-8552301Q Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
5962-8552301XX AMD-5962-8552301XX Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
More results

Similar Description - 5962-85528012A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
   CMOS Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
   CMOS Bus Arbiter
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Actel Corporation
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
   4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
   Bus Arbiter for SAB80286 Processors
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
   PCI Arbiter
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
   PCI Arbiter
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
   CMOS Bus Controller
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
   PCI Arbiter Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com