Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT166245ATEB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT54FCT166245ATEB
Description  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT166245ATEB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT54FCT166245ATEB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 9Page - Integrated Device Technology IDT54FCT166245ATEB Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
5.3
9
IDT54/74FCT16245T/AT/CT/ET, 162245T/AT/CT/ET, IDT54/74FCT166245T/AT/CT, IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
2545 drw 09
2545 lnk 14
2545 drw 05
2545 drw 06
2545 drw 08
2545 drw 07
ENABLE AND DISABLE TIMES


Similar Part No. - IDT54FCT166245ATEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT166244AT IDT-IDT54FCT166244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT166244ATE IDT-IDT54FCT166244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT166244ATEB IDT-IDT54FCT166244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT166244ATPA IDT-IDT54FCT166244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT166244ATPAB IDT-IDT54FCT166244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT166245ATEB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com