Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812V104KDRACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1812V104KDRACTU
Description  ArcShield Technology, High Voltage, X7R Dielectric,500 1,000 VDC (Commercial & Automotive Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812V104KDRACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1812V104KDRACTU Datasheet HTML 2Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 3Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 4Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 5Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 6Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 7Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 8Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 9Page - Kemet Corporation C1812V104KDRACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1034_X7R_HV_ARC_SMD • 12/12/2014
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
ArcShield Technology, High Voltage, X7R Dielectric, 500 – 1,000 VDC (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0805 – 1812 Case Sizes)
Capacitance Capacitance
Code
Case Size /
Series
C0805W/V
C1206W/V
C1210W/V
C1808W/V
C1812W/V
Voltage Code
C
B
D
C
B
D
C
B
D
C
B
D
C
B
D
Rated Voltage (VDC)
500
630
1000
500
630
1000
500
630
1000
500
630
1000
500
630
1000
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
2,200 pF
222
J
K
M
DG
DG
DG
2,700 pF
272
J
K
M
DG
DG
DG
3,300 pF
332
J
K
M
DG
DG
DG
3,900 pF
392
J
K
M
DG
DG
DG
4,700 pF
472
J
K
M
DG
DG
DG
5,600 pF
562
J
K
M
DG
DG
6,800 pF
682
J
K
M
DG
DG
8,200 pF
822
J
K
M
DG
DG
10,000 pF
103
J
K
M
DG
12,000 pF
123
J
K
M
DG
EJ
EJ
EJ
15,000 pF
153
J
K
M
EJ
EJ
EJ
18,000 pF
183
J
K
M
EJ
EJ
EJ
LE
LE
LE
22,000 pF
223
J
K
M
EJ
EJ
EJ
FG
FG
FG
LE
LE
LE
27,000 pF
273
J
K
M
EJ
EJ
FG
FG
FG
LA
LA
LA
GB
GB
GB
33,000 pF
333
J
K
M
EJ
EJ
FG
FG
FH
LA
LA
LA
GB
GB
GB
39,000 pF
393
J
K
M
EJ
FG
FG
FH
LA
LA
LA
GB
GB
GB
47,000 pF
473
J
K
M
EJ
FG
FH
FK
LA
LA
LB
GB
GB
GC
56,000 pF
563
J
K
M
EJ
FG
FH
FK
LA
LA
LB
GB
GB
GE
62,000 pF
623
J
K
M
EJ
FG
FK
FS
LA
LA
LC
GB
GB
GE
68,000 pF
683
J
K
M
EJ
FG
FK
FS
LA
LA
LC
GE
GE
GE
82,000 pF
823
J
K
M
FH
FK
LA
LC
GB
GE
GK
0.10 µF
104
J
K
M
FK
FS
LA
LC
GB
GH
GJ
0.12 µF
124
J
K
M
FK
LA
GE
GK
0.15 µF
154
J
K
M
FK
LB
GE
GN
0.18 µF
184
J
K
M
GF
0.22 µF
224
J
K
M
GJ
0.27 µF
274
J
K
M
GL
0.33 µF
334
J
K
M
GS
Capacitance Capacitance
Code
Rated Voltage (VDC)
500
630
1000
500
630
1000
500
630
1000
500
630
1000
500
630
1000
Voltage Code
C
B
D
C
B
D
C
B
D
C
B
D
C
B
D
Case Size / Series
C0805W/V
C1206W/V
C1210W/V
C1808W/V
C1812W/V
Patent pending technology
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).


Similar Part No. - C1812V104KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812V104KCRACTU KEMET-C1812V104KCRACTU Datasheet
71Kb / 1P
   Ceramic, Anti-Arcing, ArcShield-(CxxxxV), 0.1 uF, 10%, 500 V, 1812, X7R, SMD, MLCC, ArcShield, High Voltage, Temperature Stable
More results

Similar Description - C1812V104KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603W392KCRACTU KEMET-C0603W392KCRACTU Datasheet
1Mb / 23P
   ArcShield Technology, High Voltage, X7R Dielectric, 500 - 1,000 VDC (Commercial & Automotive Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com