Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR75-2W Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # SR75-2W
Description  0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SR75-2W Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  SR75-2W Datasheet HTML 1Page - Teledyne Technologies Incorporated SR75-2W Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR75-2 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2004 TELEDYNE RELAYS
SR75-2\062004\Q1
LOAD
LOAD
RETURN
+V
+
13
5
8
16
14
12
10
RS
VCC
SR75-2
13
5
8
16
14
12
10
120
Vac
SR75-2
TTL
CTRL
V BIAS = 5.0 VDC
V BIAS = 5.0 VDC
Series SR75-2
NOTES:
1. The input voltage is 5.0 Vdc for all tests unless otherwise
specified.
2. Reversing the output polarity when the relay is in overload or
is sustaining a short circuit may cause permanent damage.
3. Inductive loads must be diode suppressed.
4. Loads may be switched in either the high side or the low side
of the power source.
5. Continuous load current rating is determined with relay
mounted on a printed circuit card.
6. For input voltage greater than 6.0 Vdc a series resistor must
be used to limit the power dissipation on the input of the
relay. The resistor value should be selected using the
following equation:
R = (V
BIAS - 6 volts)/11mA
7. Input transitions are to be less than 1 msec.
8. Tested at 25
°C ambient.
TRIP CURRENT VS TIME
FIGURE 4
MECHANICAL SPECIFICATIONS
• Operating Temperature Range
–55
°C to 105°C
• Storage Temperature Range
–55
°C to 125°C
• Weight: 2.0 grams maximum
• Case: 16-pin Dual-In-Line (TO-116)
• Case Material: Filled epoxy, self-
extinguishing
INPUT VOLTAGE (Vdc)
–55
-35
-15
5
25
45
65
85
105
125
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
JUNCTION TEMPERATURE (°C)
TYPICAL ON RESISTANCE VS T
J
FIGURE 3
CONTROL CURRENT VS VOLTAGE
FIGURE 1
WIRING CONFIGURATIONS
SHORT-CIRCUIT PROTECTED AC LOADS
(SEE NOTE 6)
LOAD CURRENT DERATING CURVE
FIGURE 2 (SEE NOTE 5)
SHORT-CIRCUIT PROTECTED DC LOADS
(SEE NOTES 3, 4 AND 6, FIGURE 3 AND 4)


Similar Part No. - SR75-2W

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
SR75-2S TELEDYNE-SR75-2S Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
More results

Similar Description - SR75-2W

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
   2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
   10A, 250Vac Optically Isolated AC Solid-State Relay
logo
celduc-relais
STN07105 CELDUC-STN07105 Datasheet
86Kb / 2P
   AC/DC Solid State Relay
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com