Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7266 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7266
Description  Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7266_15 Datasheet HTML 7Page - Analog Devices AD7266_15 Datasheet HTML 8Page - Analog Devices AD7266_15 Datasheet HTML 9Page - Analog Devices AD7266_15 Datasheet HTML 10Page - Analog Devices AD7266_15 Datasheet HTML 11Page - Analog Devices AD7266_15 Datasheet HTML 12Page - Analog Devices AD7266_15 Datasheet HTML 13Page - Analog Devices AD7266_15 Datasheet HTML 14Page - Analog Devices AD7266_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7266
Rev. B | Page 10 of 28
VREF (V)
2.5
0
0.5
1.0
1.5
2.0
1.0
0.6
0.8
0.2
0.4
–0.2
0
–0.6
–0.4
–1.0
–0.8
VDD = 3V/5V
DIFFERENTIAL MODE
POSITIVE INL
POSITIVE DNL
NEGATIVE DNL
NEGATIVE INL
Figure 10. Linearity Error vs. VREF
VREF (V)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
12.0
11.0
11.5
10.0
10.5
9.0
9.5
8.0
7.5
8.5
7.0
VDD = 5V
DIFFERENTIAL MODE
VDD = 3V
DIFFERENTIAL MODE
VDD = 3V
SINGLE-ENDED MODE
VDD = 5V
SINGLE-ENDED MODE
Figure 11. Effective Number of Bits vs. VREF
CURRENT LOAD (
μA)
200
0
20
40
60
80
100
120
140
160
180
2.5010
2.5000
2.5005
2.4995
2.4990
2.4985
2.4980
Figure 12. VREF vs. Reference Output Current Drive
CODE
2046
2047
2049
2048
2050
10000
8000
9000
6000
7000
4000
5000
2000
1000
3000
0
10000
CODES
DIFFERENTIAL
MODE
INTERNAL
REFERENCE
Figure 13. Histogram of Codes for 10k Samples in Differential Mode
CODE
2046
2047
2048
2049
2050
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
9984
CODES
SINGLE-ENDED
MODE
INTERNAL
REFERENCE
5 CODES
11 CODES
Figure 14. Histogram of Codes for 10k Samples in Single-Ended Mode
RIPPLE FREQUENCY (kHz)
1200
0
200
400
600
800
1000
–60
–65
–70
–75
–80
–85
–95
–90
–100
DIFFERENTIAL MODE
VDD = 3V/5V
Figure 15. CMRR vs. Common-Mode Ripple Frequency


Similar Part No. - AD7266_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
More results

Similar Description - AD7266_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com