Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT573ATQ Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT573ATQ
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT573ATQ Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT573ATQ Datasheet HTML 1Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 2Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 3Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 4Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 5Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 6Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 7Page - Integrated Device Technology IDT74FCT573ATQ Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.12
6
IDT54/74FCT373T/AT/CT/DT - 2373T/AT/CT, IDT54/74FCT533T/AT/CT, IDT54/74FCT573T/AT/CT/DT - 2573T/AT/CT
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT373T/2373T/573T/2573T
FCT373AT/2373AT/573AT/2573AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1)
Min
.(2)
Max
.
Min
.(2)
Max
.
Min
.(2)
Max
.
Min
.(2)
Max
.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
8.0
1.5
8.5
1.5
5.2
1.5
5.6
ns
tPLH
tPHL
Propagation Delay
LE to ON
2.0
13.0
2.0
15.0
2.0
8.5
2.0
9.8
ns
tPZH
tPZL
Output Enable Time
1.5
12.0
1.5
13.5
1.5
6.5
1.5
7.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.5
1.5
10.0
1.5
5.5
1.5
6.5
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
2.0
2.0
2.0
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
1.5
1.5
1.5
ns
tW
LE Pulse Width HIGH
6.0
6.0
5.0
6.0
ns
2564 tbl 10
2564 tbl 11
FCT533T
FCT533AT
FCT533CT
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
1.5
10.0
1.5
12.0
1.5
5.2
1.5
5.6
1.5
4.2
1.5
5.1
ns
tPLH
tPHL
Propagation Delay
LE to
ON
2.0
13.0
2.0
14.0
2.0
8.5
2.0
9.8
2.0
5.5
2.0
8.0
ns
tPZH
tPZL
Output Enable
Time
1.5
11.0
1.5
12.5
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.3
ns
tPHZ
tPLZ
Output Disable
Time
1.5
7.0
1.5
8.5
1.5
5.5
1.5
6.5
1.5
5.0
1.5
5.9
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
2.0
2.0
2.0
2.0
2.0
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
1.5
1.5
1.5
1.5
1.5
ns
tW
LE Pulse Width HIGH
6.0
6.0
5.0
6.0
5.0
6.0
ns
FCT373CT/2373CT/573CT/2573CT
FCT373DT/573DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1)
Min
.(2)
Max
.
Min
.(2)
Max
.
Min
.(2)
Max
.
Min
.(2)
Max
.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
4.2
1.5
5.1
1.5
3.8
ns
tPLH
tPHL
Propagation Delay
LE to ON
2.0
5.5
2.0
8.0
2.0
4.0
ns
tPZH
tPZL
Output Enable Time
1.5
5.5
1.5
6.3
1.5
4.8
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.0
1.5
5.9
1.5
4.0
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
2.0
1.5
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
1.5
1.0
ns
tW
LE Pulse Width HIGH(3)
5.0
6.0
3.0
ns
NOTES:
2564 tbl 12
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.


Similar Part No. - IDT74FCT573ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT573ATQ IDT-IDT74FCT573ATQ Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT573ATQB IDT-IDT74FCT573ATQB Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results

Similar Description - IDT74FCT573ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com