Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8757702RA Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962-8757702RA
Description  CMOS Octal Inverting Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-8757702RA Datasheet(HTML) 5 Page - Intersil Corporation

  5962-8757702RA Datasheet HTML 1Page - Intersil Corporation 5962-8757702RA Datasheet HTML 2Page - Intersil Corporation 5962-8757702RA Datasheet HTML 3Page - Intersil Corporation 5962-8757702RA Datasheet HTML 4Page - Intersil Corporation 5962-8757702RA Datasheet HTML 5Page - Intersil Corporation 5962-8757702RA Datasheet HTML 6Page - Intersil Corporation 5962-8757702RA Datasheet HTML 7Page - Intersil Corporation 5962-8757702RA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-329
Timing Waveform
AC Electrical Specifications VCC = 5.0V ± 10%;
TA = 0
oC to +70oC (C82C87H);
Freq = 1MHz
TA = -40
oC to +85oC (I82C87H);
TA = -55
oC to +125oC (M82C87H)
SYMBOL
PARAMETER
MIN
NOTE 4
UNITS
TEST CONDITIONS
82C87H
MAX
82C87H-5
MAX
(1)
TIVOV
Input to Output Delay
Notes 1, 2
Inverting
5
30
35
ns
Non-Inverting
5
32
35
ns
(2)
TEHTV
Transmit/Receive Hold Time
5
-
-
ns
Notes 1, 2
(3)
TTVEL
Transmit/Receive Setup Time
10
-
-
ns
Notes 1, 2
(4)
TEHOZ
Output Disable Time
5
30
35
ns
Notes 1, 2
(5)
TELOV
Output Enable Time
10
50
65
ns
Notes 1, 2
(6)
TR, TF
Input Rise/Fall Times
-
20
20
ns
Notes 1, 2
(7)
TEHEL
Minimum Output Enable High Time
Note 3
82C87H
30
-
-
ns
82C87H-5
35
-
-
ns
NOTES:
1. All AC parameters tested as per test circuits and definitions in timing waveforms and test load circuits. Input rise and fall times are driven
at 1ns/V.
2. Input test signals must switch between VIL - 0.4V and VIH +0.4V.
3. A system limitation only when changing direction. Not a measured parameter.
4. 82C87H is available in commercial and industrial temperature ranges only. 82C87H-5 is available in commercial, industrial and military
temperature ranges.
INPUTS
TR, TF (6)
2.0V
0.8V
VOH -0.1V
TELOV (5)
VOL +0.1V
TTVEL (3)
3.0V
0.45V
OUTPUTS
T
TEHEL (7)
TIVOV
(1)
TEHOZ
(4)
TEHTV (2)
OE
82C87H
82C87H


Similar Part No. - 5962-8757702RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962-8757702RA RENESAS-5962-8757702RA Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results

Similar Description - 5962-8757702RA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com