Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7151 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 3 Page - Analog Devices

  AD7151_15 Datasheet HTML 1Page - Analog Devices AD7151_15 Datasheet HTML 2Page - Analog Devices AD7151_15 Datasheet HTML 3Page - Analog Devices AD7151_15 Datasheet HTML 4Page - Analog Devices AD7151_15 Datasheet HTML 5Page - Analog Devices AD7151_15 Datasheet HTML 6Page - Analog Devices AD7151_15 Datasheet HTML 7Page - Analog Devices AD7151_15 Datasheet HTML 8Page - Analog Devices AD7151_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7151
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.7 V to 3.6 V; GND = 0 V; –40°C to +85°C, single-ended capacitance mode, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
CAPACITIVE INPUT
Conversion Input Range CIN to EXC2
3.2
4
pF
4 pF input range
1.6
2
pF
2 pF input range
0.8
1
pF
1 pF input range
0.4
0.5
pF
0.5 pF input range
Resolution3
2.0
fF
4 pF input range
1.6
fF
2 pF input range
1.4
fF
1 pF input range
1.0
fF
0.5 pF input range
Allowed Capacitance CIN to GND3
150
pF
Allowed Resistance CIN to GND3
15
Allowed Serial Resistance3
200
Gain Error
−20
+20
%
Gain Deviation over Temperature3
0.5
%
Gain Matching Between Ranges3
−2
+2
%
Offset Error3
50
fF
CIN and EXC pins disconnected
Offset Deviation over Temperature3
5
fF
CIN and EXC pins disconnected
Integral Nonlinearity (INL)3
0.1
%
Power Supply Rejection3
4
fF/V
CAPDAC2
Full Range
10
12.5
pF
Resolution (LSB)3
200
fF
Differential Nonlinearity (DNL)3
0.25
LSB
AutoDAC Increment/Decrement3
25
75
% of CIN Range
EXCITATION
Voltage
±VDD/2
V
Frequency
15.4
16
16.3
kHz
Allowed Capacitance EXC to GND3
300
pF
Allowed Resistance EXC to GND3
1
LOGIC OUTPUT (OUT)
Output Low Voltage (VOL)
0.4
V
ISINK = −4 mA
Output High Voltage (VOH)
VDD – 0.6
V
ISOURCE = 4 mA
SERIAL INTERFACE INPUTS (SCL, SDA)
Input High Voltage (VIH)
1.5
V
Input Low Voltage (VIL)
0.8
V
Input Leakage Current
±0.1
±5
μA
Input Pin Capacitance
6
pF
OPEN-DRAIN OUTPUT (SDA)
Output Low Voltage (VOL)
0.4
V
ISINK =
6.0 mA
Output High Leakage Current (IOH)
0.1
5
μA
VOUT = VDD
POWER SUPPLY MONITOR
VDD Threshold Voltage
2.45
2.65
V


Similar Part No. - AD7151_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
More results

Similar Description - AD7151_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3521P LEIDITECH-RCLAMP3521P Datasheet
431Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com