Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6623 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 1 Page - Analog Devices

  AD6623_15 Datasheet HTML 1Page - Analog Devices AD6623_15 Datasheet HTML 2Page - Analog Devices AD6623_15 Datasheet HTML 3Page - Analog Devices AD6623_15 Datasheet HTML 4Page - Analog Devices AD6623_15 Datasheet HTML 5Page - Analog Devices AD6623_15 Datasheet HTML 6Page - Analog Devices AD6623_15 Datasheet HTML 7Page - Analog Devices AD6623_15 Datasheet HTML 8Page - Analog Devices AD6623_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD6623
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
4-Channel, 104 MSPS Digital
Transmit Signal Processor (TSP)
FUNCTIONAL BLOCK DIAGRAM
SPORT
RAM
COEFFICIENT
FILTER
DATA
SCALER
AND
POWER
RAMP
CIC5
FILTER
rCIC2
FILTER
NCO
I
Q
CHAN A
I
Q
I
Q
I
Q
JTAG
CS
A[2:0]
MODE
RW
DTACK
DS
D[7:0]
IN
QIN
SYNC
OEN
QOUT
OUT
[17:0]
SDINA
SDFIA
SDFOA
SCLKA
SDINB
SDFIB
SDFOB
SCLKB
SDINC
SDFIC
SDFOC
SCLKC
SDIND
SDFID
SCLKD
SDFOD
SUMMATION
SCALER
AND
POWER
RAMP
CIC5
FILTER
rCIC2
FILTER
NCO
I
Q
CHAN B
I
Q
I
Q
I
Q
SCALER
AND
POWER
RAMP
CIC5
FILTER
rCIC2
FILTER
NCO
I
Q
CHAN C
I
Q
I
Q
I
Q
SCALER
AND
POWER
RAMP
CIC5
FILTER
rCIC2
FILTER
NCO
I
Q
CHAN D
I
Q
I
Q
I
Q
MICROPORT
CLK
RESET
4
[17–0]
SPORT
RAM
COEFFICIENT
FILTER
DATA
SPORT
RAM
COEFFICIENT
FILTER
DATA
SPORT
RAM
COEFFICIENT
FILTER
DATA
NCO = NUMERICALLY CONTROLLED
OSCILLATOR/TUNER
TDL
TMS TCK
TRST
TDO
FEATURES
Pin Compatible to the AD6622
18-Bit Parallel Digital IF Output
Real or Interleaved Complex
18-Bit Bidirectional Parallel Digital IF Input/Output
Allows Cascade of Chips for Additional Channels
Clipped or Wrapped Over Range
Two’s Complement or Offset Binary Output
Four Independent Digital Transmitters in Single Package
RAM Coefficient Filter (RCF)
Programmable IF and Modulation for Each Channel
Programmable Interpolating RAM Coefficient Filter
/4-DQPSK Differential Phase Encoder
3 /8-PSK Linear Encoder
8-PSK Linear Encoder
Programmable GMSK Look-Up Table
Programmable QPSK Look-Up Table
All-Pass Phase Equalizer
Programmable Fine Scaler
Programmable Power Ramp Unit
High Speed CIC Interpolating Filter
Digital Resampling for Noninteger Interpolation Rates
NCO Frequency Translation
Carrier Output from DC to 52 MHz
Spurious Performance Better than –100 dBc
Separate 3-Wire Serial Data Input for Each Channel
Bidirectional Serial Clocks and Frames
Microprocessor Control
2.5 V CMOS Core, 3.3 V Outputs, 5 V Inputs
JTAG Boundary Scan
APPLICATIONS
Cellular/PCS Base Stations
Micro/Pico Cell Base Stations
Wireless Local Loop Base Stations
Multicarrier, Multimode Digital Transmit
GSM, EDGE, IS136, PHS, IS95, TDS CDMA, UMTS,
CDMA2000
Phased Array Beam Forming Antennas
Software Defined Radio
Tuning Resolution Better than 0.025 Hz
Real or Complex Outputs


Similar Part No. - AD6623_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6623ABC AD-AD6623ABC Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623AS AD-AD6623AS Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623BC/PCB AD-AD6623BC/PCB Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623PCB AD-AD6623PCB Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623S/PCB AD-AD6623S/PCB Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
More results

Similar Description - AD6623_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6623 AD-AD6623 Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
AD6622 AD-AD6622 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com