Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82C42PC Datasheet(PDF) 4 Page - Intel Corporation

Part # P82C42PC
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PC Datasheet(HTML) 4 Page - Intel Corporation

  P82C42PC Datasheet HTML 1Page - Intel Corporation P82C42PC Datasheet HTML 2Page - Intel Corporation P82C42PC Datasheet HTML 3Page - Intel Corporation P82C42PC Datasheet HTML 4Page - Intel Corporation P82C42PC Datasheet HTML 5Page - Intel Corporation P82C42PC Datasheet HTML 6Page - Intel Corporation P82C42PC Datasheet HTML 7Page - Intel Corporation P82C42PC Datasheet HTML 8Page - Intel Corporation P82C42PC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
UPI-C42UPI-L42
UPI-C42L42 PRODUCT SELECTION GUIDE
UPI-C42
Low power CHMOS version of the UPI-42
Device
Package
ROM
OTP
Comments
80C42
N P S
4K
ROM Device
82C42PC
N P S
Phoenix MultiKey42 firmware PS2 style mouse support
82C42PD
N P S
Phoenix MultiKey42L firmware KBC and SCC for portable apps
82C42PE
N P S
Phoenix MultiKey42G firmware Energy Efficient KBC solution
87C42
N P S
4K
One Time Programmable Version
UPI-L42
The low voltage 33V version of the UPI-C42
Device
Package
ROM
OTP
Comments
80L42
N P S
4K
ROM Device
82L42PC
N P S
Phoenix MultiKey42 firmware PS2 style mouse support
82L42PD
N P S
Phoenix MultiKey42L firmware KBC and SCC for portable apps
87L42
N P S
4K
One Time Programmable Version
N e 44 lead PLCC P e 40 lead PDIP S e 44 lead QFP D e 40 lead CERDIP
KBC e Key Board Control SCC e Scan Code Control
THE INTEL 82C42
As shown in the UPI-C42 product matrix the UPI-
C42 is offered as a pre-programmed 80C42 with var-
ious versions of MultiKey42 keyboard controller
firmware developed by Phoenix Technologies Ltd
The 82C42PC provides a low powered solution for
industry standard keyboard and PS2 style mouse
control The 82C42PD provides a cost effective
means for keyboard and scan code control for note-
book platforms The 82C42PE allows a quick time to
market low cost solution for energy efficient desk-
top designs
4


Similar Part No. - P82C42PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P82C435 ETC1-P82C435 Datasheet
4Mb / 82P
   ENHANCED GRAPHICS CONTROLLER / BUS INTERFACE
P82C436 ETC1-P82C436 Datasheet
4Mb / 82P
   ENHANCED GRAPHICS CONTROLLER / BUS INTERFACE
More results

Similar Description - P82C42PC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
82C55A INTEL-82C55A Datasheet
325Kb / 23P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Integral Corp.
IN82C55AN INTEGRAL-IN82C55AN Datasheet
341Kb / 21P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
KODENSHI_AUK CORP.
KK82C55 KODENSHI-KK82C55 Datasheet
592Kb / 22P
   CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com