Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491B475M016AT Datasheet(PDF) 4 Page - Kemet Corporation

Part # T491B475M016AT
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B475M016AT Datasheet(HTML) 4 Page - Kemet Corporation

  T491B475M016AT Datasheet HTML 1Page - Kemet Corporation T491B475M016AT Datasheet HTML 2Page - Kemet Corporation T491B475M016AT Datasheet HTML 3Page - Kemet Corporation T491B475M016AT Datasheet HTML 4Page - Kemet Corporation T491B475M016AT Datasheet HTML 5Page - Kemet Corporation T491B475M016AT Datasheet HTML 6Page - Kemet Corporation T491B475M016AT Datasheet HTML 7Page - Kemet Corporation T491B475M016AT Datasheet HTML 8Page - Kemet Corporation T491B475M016AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 10/28/2014
44
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Series Industrial Grade MnO2
Electrical Characteristics
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T491C336M025AT
T491D476M025AT
T491X107M025AT
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T491C336M025AT_IMP
T491D476M025AT_IMP
T491X107M025AT_IMP
T491C336M025AT_ESR
T491D476M025AT_ESR
T491X107M025AT_ESR
Capacitance vs. Frequency
ESR vs. Frequency
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Case Size
Component
KEMET
EIA
L*
W*
H*
F* ±0.1
±(0.004)
S* ±0.3
±(0.012)
B* ±0.15
(Ref) ±.006 X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
A
3216–18
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008) 1.2 (0.047) 0.8 (0.031) 0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.4 (.016)
0.4 (.016) 0.13 (.005) 0.8 (.31) 1.1 (.043) 1.3 (.051)
B
3528–21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ±0.2
(0.075 ±0.008) 2.2 (0.087) 0.8 (0.031) 0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.5 (.020)
1.0 (.039) 0.13 (.005) 1.1 (0.043) 1.8 (.071) 2.2 (.087)
C
6032–28
6.0 ±0.3
(0.236 ±0.03)
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012) 2.2 (0.087) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
E
7360-38
7.3 ±0.3
(0.287 ±0.012)
6.0± 0.3
(0.236 ±0.012)
3.6 ± 0.2
(0.142 ±0.008) 4.1 (0.161) 1.3 (0.051) 0.5 (0.020)
0.10 ± 0.10
(0.004 ±0.004)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
S
3216–12
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008) 1.2 (0.047)
1.2 (0.047) 0.8 (0.031)
n/a
0.05 (0.002)
n/a
n/a
0.13 (.005) 0.8 (.031) 1.1 (.043) 1.3 (.051)
T
3528–12
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008) 1.2 (0.047)
2.2 (0.087) 0.8 (0.031)
n/a
0.05 (0.002)
n/a
n/a
0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087)
U
6032–15
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.2
(0.110 ±0.008) 1.5 (0.059)
2.2 (0.087) 1.3 (0.051)
n/a
0.05 (0.002)
n/a
n/a
0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
V
7343-20
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012) 2.0 (0.079)
2.4 (0.094) 1.3 (0.051)
n/a
0.05 (0.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
W
7343-15
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012) 1.5 (0.059)
2.4 (0.094) 1.3 (0.051)
n/a
0.05 (0.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Notes: (Ref) – Dimensions provided for reference only. No dimensions are provided for B, P or R because low profile cases do not have a bevel or a notch.
* MIL–PRF–55365/8 specified dimensions


Similar Part No. - T491B475M016AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B475M010AT KEMET-T491B475M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B475M016AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A225K025AT KEMET-T491A225K025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491C336M006AT KEMET-T491C336M006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491D106K035AT7280 KEMET-T491D106K035AT7280 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491D685K035AT KEMET-T491D685K035AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491V337K004AT KEMET-T491V337K004AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491X477K010ZT KEMET-T491X477K010ZT Datasheet
1Mb / 23P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491X226K035AH KEMET-T491X226K035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491B336K010AT KEMET-T491B336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491X107K016AT KEMET-T491X107K016AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
T491X107K025AT KEMET-T491X107K025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com