Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IG80C286-12 Datasheet(PDF) 10 Page - Intersil Corporation

Part # IG80C286-12
Description  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IG80C286-12 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button IG80C286-12 Datasheet HTML 5Page - Intersil Corporation IG80C286-12 Datasheet HTML 6Page - Intersil Corporation IG80C286-12 Datasheet HTML 7Page - Intersil Corporation IG80C286-12 Datasheet HTML 8Page - Intersil Corporation IG80C286-12 Datasheet HTML 9Page - Intersil Corporation IG80C286-12 Datasheet HTML 10Page - Intersil Corporation IG80C286-12 Datasheet HTML 11Page - Intersil Corporation IG80C286-12 Datasheet HTML 12Page - Intersil Corporation IG80C286-12 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3-137
80C286/883
NOTES:
1. PEACK always goes active during the first bus operation of a processor extension data operand transfer sequence. The first bus operation
will be either a memory read at operand address or I/O read at port address 00FA(H).
2. To prevent a second processor extension data operand transfer, the worst case maximum time (shown above) is 3 x
- 12AMAX -(4)MIN
The actual, configuration dependent, maximum time is: 3 x
- 12AMAX -
(4)
MIN +N x 2 x
(1). N is the number of extra T
C states added
to either the first or second bus operation of the processor extension data operand transfer sequence.
FIGURE 6. 80C286/883 PEREQ/PEACK TIMING FOR ONE TRANSFER ONLY
NOTES:
1. Setup time for RESET
↑ may be violated with the consideration that φ1 of the processor clock may begin one system CLK period later.
2. Setup and hold times for RESET
↓ must be met for proper operation, but RESET ↓ may occur during φ1 or φ2.
3. The data bus is only guaranteed to be in a high impedance state at the time shown.
FIGURE 7. INITIAL 80C286/883 PIN STATE DURING RESET
Waveforms (Continued)
1
12A
φ2
CLK
φ1
φ2
φ2
φ1
φ2
φ1
φ1
φ2
TI
TS
TC
TS
TC
TI
VCH
VCL
CLK
S1 • S0
PEACK
M/IO,
A23 -A0
COD INTA
PEREQ
MEMORY ADDRESS IF PROC. EXT. TO MEMORY TRANSFER I/O
PORT ADDRESS 00FA(H) IF MEMORY TO PROC. EXT. TRANSFER
12B
5
4
I/O PORT ADDRESS 00FA(H) IF PROC. EXT. TO MEMORY TRANSFER
MEMORY ADDRESS IF MEMORY TO PROC. EXT. TRANSFER
BUS CYCLE TYPE
(SEE NOTE 1)
(SEE NOTE 2)
I/0 READ IF PROC. EXT. TO MEMORY
MEMORY READ IF MEMORY TO PROC. EXT
MEMORY WRITE IF PROC. EXT. TO MEMORY
I/O WRITE IF MEMORY TO PROC. EXT.
1
1
12B
TX
S1 • S0
BUS CYCLE TYPE
φ2
φ2
φ2
φ2
φ2
φ1
φ1
φ1
φ1
TX
TX
TI
CLK
VCH
VCL
6
7
6
(SEE NOTE 1)
PEACK
A23 - A0
BHE
M/IO
COD/INTA
AT LEAST
16 CLK PERIODS
UNKNOWN
UNKNOWN
UNKNOWN
UNKNOWN
UNKNOWN
13
13
13
15
(SEE NOTE 3)
LOCK
DATA
HILDA
16
(SEE NOTE 2)
RESET


Similar Part No. - IG80C286-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IG80C286-12 INTERSIL-IG80C286-12 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
IG80C286-12 INTERSIL-IG80C286-12 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
IG80C286-12 INTERSIL-IG80C286-12 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - IG80C286-12

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com