Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


82C237 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. 82C237
Description  CMOS High Performance Programmable DMA Controller
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
4-153
82C237
The 82C237 can assume seven separate states, each
composed of one full CLK period. State I (SI) is the idle
state. It is entered when the 82C237 has no valid DMA
requests pending, at the end of a transfer sequence, or
when a RESET or Master Clear has occurred. While in SI,
the DMA controller is inactive but may be in the Program
Condition (being programmed by the processor).
State 0 (S0) is the first state of a DMA service. The 82C237
has requested a hold but the processor has not yet returned
an acknowledge. The 82C237 may still be programmed until
it has received HLDA from the CPU. An acknowledge from
the CPU will signal the DMA transfer may begin. S1, S2, S3,
and S4 are the working state of the DMA service. If more
time is needed to complete a transfer than is available with
normal timing, wait states (SW) can be inserted between S3
and S4 in normal transfers by the use of the READY line on
the 82C237. For compressed transfers, wait states can be
inserted between S2 and S4. See timing Figures 14 and 15.
Note that the data is transferred directly from the I/O device
to memory (or vice versa) with IOR and MEMW (or MEMR
and IOW) being active at the same time. The data is not read
into or driven out of the 82C237 in I/O-to-memory or
memory-to-I/O DMA transfers.
Memory-to-memory transfers require a read-from and a write-
to memory to complete each transfer. The States, which
resemble the normal working states, use two-digit numbers
for identification. Eight states are required for a single transfer.
The first four states (S11, S12, S13, S14) are used for the
read-from-memory half and the last four states (S21, S22,
S23, S24) for the write-to-memory half of the transfer.
Idle Cycle
When no channel is requesting service, the 82C237 will
enter the idle cycle and perform “SI” States. In this cycle, the
82C237 will sample the DREQ lines on the falling edge of
every CLK cycle to determine if any channel is requesting a
DMA service.
Note that for standby operation where the clock has been
stopped, DMA requests will be ignored. The device will
respond to CS (chip select), in case of an attempt by the
microprocessor to write or read the internal registers of the
82C237. When CS is low and HLDA is low, the 82C237
enters the Program Condition. The CPU can now establish,
change or inspect the internal definition of the part by read-
ing from or writing to the internal registers.
The 82C237 may be programmed with the clock stopped,
provided that HLDA is low and at least one rising CLK edge
has occurred after HLDA was driven low, so the controller is
in an SI state. Address lines A0-A3 are inputs to the device
and select which registers will be read or written. The IOR
and IOW lines are used to select and time the read or write
operations. Due to the number and size of the internal regis-
ters, an internal flip-flop called the First/Last Flip-Flop is
used to generate an additional bit of address. The bit is used
to determine the upper or lower byte of the 16-bit Address
and Work Count registers. The flip-flop is reset by Master
Clear or RESET. Separate software commands can also set
or reset this flip-flop.
Special software commands can be executed by the 82C237
in the Program Condition. These commands are decoded as
sets of addresses with CS, IOR, and IOW. The commands
do not make use of the data bus. Instructions include Set
and Clear First/Last Flip-Flop, Master Clear, Clear Mode
Register Counter, and Clear Mask Register.
Active Cycle
When the 82C237 is in the Idle cycle, and a software request
or an unmasked channel requests a DMA service, the device
will issue HRQ to the microprocessor and enter the Active
cycle. It is in this cycle that the DMA service will take place,
in one of four modes:
Single Transfer Mode - In single transfer mode, the device
is programmed to make one transfer only. The word count
will be decremented and the address decremented or
incremented following each transfer. When the word count
“rolls over” from zero to FFFFH, a terminal count bit in the
status register is set, an EOP pulse is generated, and the
channel will autoinitialize if this option has been selected. If
not programmed to autoinitialize, the mask bit will be set,
along with the TC bit and EOP pulse.
DREQ must be held active until DACK becomes active. If
DREQ is held active throughout the single transfer, HRQ will
go inactive and release the bus to the system. It will again go
active and, upon receipt of a new HLDA, another single
transfer will be performed, unless a higher priority channel
takes over. In 8080A, 8085A, 80C88, or 80C86 systems, this
will ensure one full machine cycle execution between DMA
transfers. Details of timing between the 82C237 and other
bus control protocols will depend upon the characteristics of
the microprocessor involved.
Block Transfer Mode - In Block Transfer mode, the device is
activated by DREQ or software request and continues
making transfers during the service until a TC, caused by
word count going to FFFFH, or an external End of Process
(EOP) is encountered. DREQ need only be held active until
DACK becomes active. Again, an Autoinitialization will occur
at the end of the service if the channel has been
programmed for that option.
Demand Transfer Mode - In Demand Transfer mode the
device continues making transfers until a TC or external
EOP is encountered, or until DREQ goes inactive. Thus,
transfer may continue until the I/O device has exhausted its
data capacity. After the I/O device has had a chance to catch
up, the DMA service is reestablished by means of a DREQ.
During the time between services when the microprocessor
is allowed to operate, the intermediate values of address and
word count are stored in the 82C237 Current Address and
Current Word Count registers. Higher priority channels may
intervene in the demand process, once DREQ has gone
inactive. Only an EOP can cause an Autoinitialization at the
end of service. EOP is generated either by TC or by an
external signal.
Cascade Mode - This mode is used to cascade more than
one 82C237 for simple system expansion. The HRQ and
HLDA signals from the additional 82C237 are connected to
the DREQ and DACK signals respectively of a channel for




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37ARHRadiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
FAN5071High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
RC5058High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
RC5057High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
ISPMACH4ACPLDFAMILYHigh Performance E 2 CMOS In-System Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
M82380HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS 1 2 3 4 5 MoreIntel Corporation
RC5061High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl