Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICTE-8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICTE-8
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICTE-8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICTE-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICTE-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICTE-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ICTE-5 thru ICTE-45C
Document Number: ICTE-5 thru ICTE-45C
www.smsemi.com
Feb.29,2012
2
Electrical Characteristics @ 25°C (Unidirectional) TABLE
VF at 100amps peak, 8.3msec sine wave equals 3.5volts maximum.
Electrical Characteristics @ 25°C (Test Both Polarities for Bidirectional) TABLE
C Suffix indicates Bidirectional
Note1.TVS devices are normally selected according to the reverse “Stand Off Voltage” (VWM) which should be equal to or greater
than the dc or continuous peak operating voltage level.
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Stand
Off
Voltage
(Note1)
Maximum
Reverse
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
IBR
(mA)
IPP1=1A
IPP2=10A
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
VC(V)
ICTE-5
ICTE-8
ICTE-10
ICTE-12
ICTE-15
6.00
9.40
11.7
14.1
17.6
7.00
10.39
12.93
15.58
19.45
1
1
1
1
1
5.0
8.0
10.0
12.0
15.0
300
25
2
2
2
160
100
90
70
60
7.1
11.3
13.7
16.1
20.1
7.5
11.5
14.1
16.5
20.6
ICTE-18
ICTE-22
ICTE-36
ICTE-45
21.2
25.9
42.4
52.9
23.43
28.63
46.86
58.47
1
1
1
1
18.0
22.0
36.0
45.0
2
2
2
2
50
40
23
19
24.2
29.8
50.6
63.3
25.2
32.0
54.3
70.0
Microsemi
Part
Number
Breakdown
Voltage
VBR @ IBR
Stand
Off
Voltage
(Note1)
Maximum
Reverse
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
MIN
MAX
IBR
(mA)
IPP1=1A
IPP2=10A
VBR(V)
VWM(V)
ID(µA)
IPP (A)
VC(V)
VC(V)
ICTE-5C
ICTE-8C
ICTE-10C
ICTE-12C
ICTE-15C
6.00
9.40
11.7
14.1
17.6
7.00
10.39
12.93
15.58
19.45
1
1
1
1
1
5.0
8.0
10.0
12.0
15.0
300
25
2
2
2
160
100
90
70
60
7.1
11.4
14.1
16.7
20.8
7.5
11.6
14.5
17.1
21.4
ICTE-18C
ICTE-22C
ICTE-36C
ICTE-45C
21.2
25.9
42.4
52.9
23.43
28.63
46.86
58.47
1
1
1
1
18.0
22.0
36.0
45.0
2
2
2
2
50
40
23
19
24.8
30.8
50.6
63.3
25.5
32.0
54.3
70.0
Fig. 1 Peak Pulse Power vs. Pulse Time
Fig.2 Pulse Waveform for Exponential Surge
100
10
1.0
0.1
1.0
10
10
2
10
3
tP-Pulse Time (µs)
0
1.0
2.0
3.0
4.0
t-Time (ms)
tr=10µs
Peak Value IPP
Half Value IPP
2
10/1000µs Waveform
as defined by R.E.A.
150
100
50
0
Characteristic Curve
Pulse time duration (tp)
is defined as that point
where ip decays to 50%
of peak value (IPP)
Impulse
Exponential
Decay
0.5
IPP
IPP
Half Sine
Square
Wave
1.0
tW
tW
tp
tW
tW=0.71p
Current Waveforms
打印无效


Similar Part No. - ICTE-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICTE-8 ETC-ICTE-8 Datasheet
118Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSORS FOR MICROPROCESSOR PROTECTION
logo
Microsemi Corporation
ICTE-8 MICROSEMI-ICTE-8 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
ICTE-8 VISHAY-ICTE-8 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
ICTE-8 MDE-ICTE-8 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
ICTE-8 DIGITRON-ICTE-8 Datasheet
218Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - ICTE-8

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com