Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6600 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6600
Description  Dual Channel, Gain-Ranging ADC with RSSI
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600 Datasheet(HTML) 1 Page - Analog Devices

  AD6600_15 Datasheet HTML 1Page - Analog Devices AD6600_15 Datasheet HTML 2Page - Analog Devices AD6600_15 Datasheet HTML 3Page - Analog Devices AD6600_15 Datasheet HTML 4Page - Analog Devices AD6600_15 Datasheet HTML 5Page - Analog Devices AD6600_15 Datasheet HTML 6Page - Analog Devices AD6600_15 Datasheet HTML 7Page - Analog Devices AD6600_15 Datasheet HTML 8Page - Analog Devices AD6600_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD6600
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Dual IF Inputs, 70 MHz–250 MHz
Diversity or Two Independent IF Signals
Separate Attenuation Paths
Oversample RF Channels
20 MSPS on a Single Carrier
10 MSPS/Channel in Diversity Mode
Total Signal Range 90+ dB
30 dB from Automatic Gain-Ranging (AGC)
60 dB from A/D Converter
Range >100 dB After Processing Gain
Digital Outputs
11-Bit ADC Word
3-Bit RSSI Word
2
Clock, A/B Indicator
Single 5 V Power Supply
Output DVCC 3.3 V or 5 V
775 mW Power Dissipation
APPLICATIONS
Communications Receivers
PCS/Cellular Base Stations
GSM, CDMA, TDMA
Wireless Local Loop, Fixed Access
PRODUCT DESCRIPTION
The AD6600 mixed-signal receiver chip directly samples signals
at analog input frequencies up to 250 MHz. The device includes
two input channels, each with 1 GHz input amplifiers and
30 dB of automatic gain-ranging circuitry. Both channels are
sampled with a 450 MHz track-and-hold followed by an 11-bit,
20 MSPS analog-to-digital converter. Digital RSSI outputs, an
A/B channel indicator, a 2
× Clock output, references, and con-
trol circuitry are all on-chip. Digital output signals are two’s
complement, CMOS-compatible and interface directly to
3.3 V or 5 V digital processing chips.
The primary use for the dual analog input structure is sampling
both antennas in a two-antenna diversity receiver. However,
Channels A and B may also be used to sample two independent
IF signals. Diversity, or dual-channel mode, is limited to 10 MSPS
per channel. In single-channel mode, the full clock rate of
20 MSPS may be applied to a single carrier.
The AD6600 may be used as a stand-alone sampling chip, or it
may be combined with the AD6620 Digital Receive Signal Pro-
cessor. The AD6620 provides 10 dB–25 dB of additional pro-
cessing gain before passing data to a fixed- or floating-point DSP.
Driving the AD6600 is simplified by using the AD6630 differen-
tial IF amplifier. The AD6630 is easily matched to inexpensive
SAW filters from 70 MHz to 250 MHz.
Designed specifically for cellular/PCS receivers, the AD6600
supports GSM, IS-136, CDMA and Wireless LANs, as well as
proprietary air interfaces used in WLL/fixed-access systems.
Units are available in plastic, surface-mount packages (44-lead
LQFP) and specified over the industrial temperature range
(–40
°C to +85°C).
Dual Channel, Gain-Ranging
ADC with RSSI
GAIN
A/D
CONVERTER
TIMING
ENCODE
SELECT GAIN
+12, +18dB
ENCODE
FLT
FLT
NOISE FILTER
RESONANT
PORT
630
RSSI
3
TWO'S
COMPLEMENT
11
AB_OUT
D10–D0
RSSI [2:0]
CLK2
DVCC
ENC
ENC
GND
AVCC
B_SEL
A_SEL
GAIN
GAIN
RSSI
3
0dB, –12dB, –24dB
ATTEN
ATTEN
0dB, –12dB, –24dB
DETECT
PEAK
SET
RSSI
AIN
AIN
BIN
BIN
AD6600


Similar Part No. - AD6600_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6600 AD-AD6600_17 Datasheet
339Kb / 25P
   Dual Channel, Gain-Ranging
More results

Similar Description - AD6600_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6600 AD-AD6600 Datasheet
303Kb / 24P
   Dual Channel, Gain-Ranging ADC with RSSI
REV. 0
AD6600 AD-AD6600_17 Datasheet
339Kb / 25P
   Dual Channel, Gain-Ranging
logo
Asahi Kasei Microsystem...
AK1291 AKM-AK1291_17 Datasheet
523Kb / 16P
   IF Variable Gain Amplifier with RSSI
AK1291 AKM-AK1291 Datasheet
449Kb / 15P
   IF Variable Gain Amplifier with RSSI
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
logo
Texas Instruments
AFE5851 TI-AFE5851 Datasheet
1Mb / 41P
[Old version datasheet]   16 CHANNEL VARIABLE GAIN AMPLIFIER (VGA) WITH OCTAL HIGH SPEED ADC
AFE5851 TI1-AFE5851_14 Datasheet
1Mb / 41P
[Old version datasheet]   16 CHANNEL VARIABLE GAIN AMPLIFIER (VGA) WITH OCTAL HIGH SPEED ADC
AFE5801 TI1-AFE5801_14 Datasheet
1Mb / 47P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
AFE5801 TI-AFE5801 Datasheet
1,011Kb / 46P
[Old version datasheet]   8-Channel Variable-Gain Amplifier (VGA) With Octal High-Speed ADC
logo
Analog Devices
ADAQ8088 AD-ADAQ8088 Datasheet
318Kb / 14P
   Dual-, Differential, Low-Pass Filter 關Module with Gain and ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com