Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5934 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5934_15 Datasheet HTML 7Page - Analog Devices AD5934_15 Datasheet HTML 8Page - Analog Devices AD5934_15 Datasheet HTML 9Page - Analog Devices AD5934_15 Datasheet HTML 10Page - Analog Devices AD5934_15 Datasheet HTML 11Page - Analog Devices AD5934_15 Datasheet HTML 12Page - Analog Devices AD5934_15 Datasheet HTML 13Page - Analog Devices AD5934_15 Datasheet HTML 14Page - Analog Devices AD5934_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD5934
Rev. C | Page 11 of 32
TERMINOLOGY
Total System Accuracy
The AD5934 can accurately measure a range of impedance
values to less than 0.5% of the correct impedance value for
supply voltages between 2.7 V to 5.5 V.
Spurious-Free Dynamic Range (SFDR)
Along with the frequency of interest, harmonics of the fundamental
frequency and images of these frequencies are present at the
output of a DDS device. The spurious-free dynamic range refers
to the largest spur or harmonic present in the band of interest.
The wideband SFDR gives the magnitude of the largest harmonic
or spur relative to the magnitude of the fundamental frequency
in the 0 Hz to Nyquist bandwidth. The narrow-band SFDR
gives the attenuation of the largest spur or harmonic in a
bandwidth of ±200 kHz, about the fundamental frequency.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency. The value for SNR is expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental,
where V1 is the rms amplitude of the fundamental, and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics. THD is defined as
V1
V6
V5
V4
V3
V2
THD
2
2
2
2
2
log
20
)
dB
(
+
+
+
+
=


Similar Part No. - AD5934_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results

Similar Description - AD5934_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5934 AD-AD5934 Datasheet
513Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. 0
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com