Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5932 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5932
Description  Programmable Frequency Scan Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5932 Datasheet(HTML) 3 Page - Analog Devices

  AD5932_15 Datasheet HTML 1Page - Analog Devices AD5932_15 Datasheet HTML 2Page - Analog Devices AD5932_15 Datasheet HTML 3Page - Analog Devices AD5932_15 Datasheet HTML 4Page - Analog Devices AD5932_15 Datasheet HTML 5Page - Analog Devices AD5932_15 Datasheet HTML 6Page - Analog Devices AD5932_15 Datasheet HTML 7Page - Analog Devices AD5932_15 Datasheet HTML 8Page - Analog Devices AD5932_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5932
Rev. A | Page 3 of 28
GENERAL DESCRIPTION
(continued from Page 1)
To program the AD5932, the user enters the start frequency, the
increment step size, the number of increments to be made, and
the time interval that the part outputs each frequency. The fre-
quency scan profile is initiated, started, and executed by toggling
the CTRL pin.
The AD5932 is written to via a 3-wire serial interface that operates
at clock rates up to 40 MHz. The device operates with a power
supply from 2.3 V to 5.5 V.
Note that the AVDD and DVDD are independent of each other
and can be operated from different voltages. The AD5932 also
has a standby function that allows sections of the device that are
not in use to be powered down.
The AD5932 is available in a 16-lead, Pb-free TSSOP.


Similar Part No. - AD5932_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
More results

Similar Description - AD5932_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
   Programmable Frequency Scan Waveform Generator
AD5932 AD-AD5932 Datasheet
473Kb / 28P
   Programmable Frequency Scan Waveform Generator
REV. 0
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
   Programmable Waveform Generator
AD5930 AD-AD5930_15 Datasheet
536Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
REV. B
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
AD5930 AD-AD5930 Datasheet
699Kb / 28P
   Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
203Kb / 16P
   High-Frequency Waveform Generator
19-0266; Rev 2a; 9/96
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com