Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5725 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5725
Description  Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5725 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5725_15 Datasheet HTML 2Page - Analog Devices AD5725_15 Datasheet HTML 3Page - Analog Devices AD5725_15 Datasheet HTML 4Page - Analog Devices AD5725_15 Datasheet HTML 5Page - Analog Devices AD5725_15 Datasheet HTML 6Page - Analog Devices AD5725_15 Datasheet HTML 7Page - Analog Devices AD5725_15 Datasheet HTML 8Page - Analog Devices AD5725_15 Datasheet HTML 9Page - Analog Devices AD5725_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5725
Data Sheet
Rev. C | Page 6 of 20
TIMING CHARACTERISTICS1, 2
AVDD = +5 V/+15 V, AVSS = −5 V/0 V/−15 V, DGND = 0 V; VREFP = +2.5 V/+10 V; VREFN = −2.5 V/0 V/−10 V, VL = 5 V. All specifications
TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Limit at TMIN, TMAX
Unit
Description
tWCS
10
ns min
Chip Select Write Pulse Width
tWS
0
ns min
Write Setup, tWCS = 10 ns
tWH
0
ns min
Write Hold, tWCS = 10 ns
tAS
0
ns min
Address Setup
tAH
0
ns min
Address Hold
tLS
5
ns min
Load Setup
tLH
5
ns min
Load Hold
tWDS
5
ns min
Write Data Setup, tWCS = 10 ns
tWDH
0
ns min
Write Data Hold, tWCS = 10 ns
tLDW
10
ns min
Load Data Pulse Width
tRESET
10
ns min
Reset Pulse Width
tRCS
30
ns min
Chip Select Read Pulse Width
tRDH
0
ns min
Read Data Hold, tRCS = 30 ns
tRDS
0
ns min
Read Data Setup, tRCS = 30 ns
tDZ
15
ns max
Data to High-Z, CL = 10 pF
tCSD
35
ns max
Chip Select to Data, CL = 100 pF
1
All input control signals are specified with tr = tf = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
2
Guaranteed by design and characterization, not production tested.


Similar Part No. - AD5725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5725 AD-AD5725 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
More results

Similar Description - AD5725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com