Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5725 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5725
Description  Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5725 Datasheet(HTML) 4 Page - Analog Devices

  AD5725_15 Datasheet HTML 1Page - Analog Devices AD5725_15 Datasheet HTML 2Page - Analog Devices AD5725_15 Datasheet HTML 3Page - Analog Devices AD5725_15 Datasheet HTML 4Page - Analog Devices AD5725_15 Datasheet HTML 5Page - Analog Devices AD5725_15 Datasheet HTML 6Page - Analog Devices AD5725_15 Datasheet HTML 7Page - Analog Devices AD5725_15 Datasheet HTML 8Page - Analog Devices AD5725_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5725
Data Sheet
Rev. C | Page 4 of 20
AVDD = +5 V, AVSS = −5 V/0 V, DGND = 0 V; VREFP = +2.5 V; VREFN = −2.5 V/0 V, VL = 5 V. All specifications TMIN to TMAX, unless
otherwise noted.
Table 2.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
12
Bits
Relative Accuracy (INL)
±0.5
LSB max
B grade
±1
LSB max
A grade
±1
LSB max
B grade, AVSS = 0 V1
±2
LSB max
A grade, AVSS = 0 V1
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic
Zero-Scale Error
±5
LSB max
AVSS = −5 V
±10
LSB max
AVSS = 0 V
Zero-Scale TC2
100
ppm FSR/°C typ
Full-Scale Error
±5
LSB max
AVSS = −5 V
±10
LSB max
AVSS = 0 V
Full-Scale TC2
100
ppm FSR/°C typ
REFERENCE INPUT
VREFP
Reference Input Range3
VREFN + 2.5
V min
AVDD − 2.5
V max
Input Current2
±0.5
mA max
Code 0x0000
VREFN
Reference Input Range3
−2.5
V min
AVSS = −5 V
0
V min
AVSS = 0 V
VREFP − 2.5
V max
Large Signal Bandwidth2
450
kHz typ
−3 dB, VREFP = 0 V to 2.5 V p-p
OUTPUT CHARACTERISTICS2
Output Current
±1.25
mA max
RL = 2 kΩ, CL = 100 pF
DIGITAL INPUTS
VL = 2.7 V to 5.5 V, JEDEC compliant
VIH, Input High Voltage
2.4
V min
TA = 25°C
VIL, Input Low Voltage
0.8
V max
TA = 25°C
Input Current2
1
µA max
Input Capacitance2
8
pF typ
DIGITAL OUTPUTS (SDO)
VOH, Output High Voltage
4
V min
IOH = 0.4 mA
VOL, Output Low Voltage
0.4
V max
IOL = −1.6 mA
POWER SUPPLY CHARACTERISTICS
Power Supply Sensitivity2
100
ppm FSR/V typ
AIDD
2
mA/channel max
Outputs unloaded.
AISS
1.5
mA/channel max
Outputs unloaded, AVSS = −5 V
Power Dissipation
70
mW max
AVSS = −5 V
40
mW max
AVSS = 0 V
1
For single supply operation only (VREFN = 0 V, AVSS = 0 V): Due to internal offset errors, INL and DNL are measured beginning at code 0x005.
2
Guaranteed by design and characterization, not production tested.
3
Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.


Similar Part No. - AD5725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5725 AD-AD5725 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
More results

Similar Description - AD5725_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com