Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V4020 Datasheet(PDF) 1 Page - Power-One

Part # V4020
Description  Primary Alkaline Manganese Clindrical
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

V4020 Datasheet(HTML) 1 Page - Power-One

  V4020 Datasheet HTML 1Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet
LR 20 / D
power one
Primary Alkaline Manganese Clindrical
VARTA
Microbattery GmbH, Daimlerstr. 1, D-73479 Ellwangen/Jagst
Subject to change without prior notice
Tel.: (+49) 7961/
921-0, Telefax: (+49) 7961/921-553
Date of issue: 200
3-07-25
Type
Number
4
120
Designation IEC
LR20
System
Zn-MnO2 (Alkaline)
Shelf Life (Coding)*
5 years
Nominal Voltage [V]
1.5
Typical Capacity C [mAh]
16500 (discharge with high-resistance)
Permissible Temperature Range
- 10 °C ... 50 °C
Weight, approx. [g]
141
Volume [ccm]
51.3
Dimensions [mm]
min: max:
Æ
32.3
34.2
A
-
61.5
B
59.5
-
C
18.0
-
E
-
1.0
F-
9.5
G1.5
-
Typical Capacities (at 20°C)
Discharge Type
Load
End Voltage[V]
1.0
0.9
4M/H,8H/D,7D/W
2.2
W
Time [m]
1280
1535
Portable Lightings
Capacity [Ah]
11.65
13.65
Energy [Wh]
14.05
16.25
Discharge Type
Load
End Voltage[V]
0.9
0.8
1H/D,7D/W
2.2
W
Time [h]
23.85
27.20
Toys
Capacity [Ah]
12.10
13.35
Energy [Wh]
13.65
14.75
Discharge Type
Load
End Voltage[V]
1.0
0.9
1H/D,7D/W
3.9
W
Time [h]
40.50
45.50
Tape Recorders
Capacity [Ah]
12.50
13.80
Energy [Wh]
15.25
16.45
Discharge Type
Load
End Voltage[V]
1.0
0.9
4H/D,7D/W
10
W
Time [h]
114.50
130.10
Transistor Radios
Capacity [Ah]
14.30
15.80
Energy [Wh]
18.05
19.45
* In consideration of typical loss of capacity at storage and application.


Similar Part No. - V4020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V402AS32 LITTELFUSE-V402AS32 Datasheet
184Kb / 4P
   High Energy Metal-Oxide Arrester Blocks
V402AS42 LITTELFUSE-V402AS42 Datasheet
184Kb / 4P
   High Energy Metal-Oxide Arrester Blocks
V402AS60 LITTELFUSE-V402AS60 Datasheet
184Kb / 4P
   High Energy Metal-Oxide Arrester Blocks
More results

Similar Description - V4020

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LR1130 MURATA1-LR1130 Datasheet
472Kb / 2P
   Alkaline manganese batteries
logo
Duracell
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
   Alkaline Manganese Dioxide Battery
logo
List of Unclassifed Man...
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
   Alkaline-Manganese Dioxide Battery
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
   Alkaline-Zinc/Manganese Dioxide
logo
List of Unclassifed Man...
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
   Alkaline Manganese Dioxide Battery
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
   ALKALINE MANGANESE DIOXIDE BATTERY
LR54 ETC-LR54 Datasheet
43Kb / 1P
   Alkaline Manganese Dioxide Battery
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
   Alkaline Manganese Dioxide (mercury free)
AL-AA ETC2-AL-AA Datasheet
233Kb / 16P
   Primary Batteries Alkaline, Heavy Duty
logo
saftbatteries
LM17130 SAFT-LM17130 Datasheet
159Kb / 2P
   3 V Primary lithium-manganese dioxide
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com