Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMQA2000T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SMQA2000T1G
Description  FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMQA2000T1G Datasheet(HTML) 5 Page - ON Semiconductor

  SMQA2000T1G Datasheet HTML 1Page - ON Semiconductor SMQA2000T1G Datasheet HTML 2Page - ON Semiconductor SMQA2000T1G Datasheet HTML 3Page - ON Semiconductor SMQA2000T1G Datasheet HTML 4Page - ON Semiconductor SMQA2000T1G Datasheet HTML 5Page - ON Semiconductor SMQA2000T1G Datasheet HTML 6Page - ON Semiconductor SMQA2000T1G Datasheet HTML 7Page - ON Semiconductor SMQA2000T1G Datasheet HTML 8Page - ON Semiconductor SMQA2000T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Final Product/Process Change Notification #16352
MMSZ5270BT1G
Test:
Conditions:
Interval:
Results
HTRB
TA=150C,80% Rated Voltage
1008 hrs
0/160
Precondition
MSL1@ 260C , 3 X IR at 260 C/260 C
0/640
Autoclave+PC Ta=121C RH=100% ~15 psig
96 hrs
0/160
HAST+PC
Ta=130C RH=85% p=~18.8psig
96 hrs
0/160
bias=80% rated V or100V Max
IOL+PC
Ta=25C, Delta TJ = 100 C,
15000 cyc
0/160
Ton/off = 2 min.
TC+PC Ta= -65 C to 150 C
1000 cyc
0/160
HTSL
Ta=150C
1008 hrs
0/160
DPA Per AECQ101, after 1000 cyc TC
0/4
DPA Per AECQ101, after 1008 hrs HAST
0/4
RSH
Ta=260C, 10 sec dwell
0/60
MMSZ9V1ET1G
Test:
Conditions:
Interval:
Results
HTRB
TA=150C,80% Rated Voltage
1008 hrs
0/80
Precondition
MSL1@ 260C , 3 X IR at 260 C/260 C
0/320
Autoclave+PC Ta=121C RH=100% ~15 psig
96 hrs
0/80
HAST+PC
Ta=130C RH=85% p=~18.8psig
96 hrs
0/80
bias=80% rated V or100V Max
IOL+PC
Ta=25C, Delta TJ = 100 C,
15000 cyc
0/80
Ton/off = 2 min.
TC+PC Ta= -65 C to 150 C
1000 cyc
0/80
HTSL
Ta=150C
1008 hrs
0/80
DPA Per AECQ101, after 1000 cyc TC
0/2
DPA Per AECQ101, after 1008 hrs HAST
0/2
RSH
Ta=260C, 10 sec dwell
0/30
MBR0520LT3G
Test:
Conditions:
Interval:
Results
HTRB
TA=150C,80% Rated Voltage
1008 hrs
0/80
Precondition
MSL1@ 260C , 3 X IR at 260 C/260 C
0/320
Autoclave+PC Ta=121C RH=100% ~15 psig
96 hrs
0/80
H3TRB+PC
Ta=85C RH=85%
1008 hrs
0/80
bias=80% rated V or100V Max
IOL+PC
Ta=25C, Delta TJ = 100 C,
15000 cyc
0/80
Ton/off = 2 min.
TC+PC Ta= -65 C to 150 C
1000 cyc
0/80
HTSL
Ta=150C
1008 hrs
0/80
RSH
Ta=260C, 10 sec dwell
0/30
Issue Date: 29-Oct-2009
Rev.14 Jun 2007
Page 5 of 15


Similar Part No. - SMQA2000T1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
   2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
More results

Similar Description - SMQA2000T1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com